Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny45 Datasheet(PDF) 164 Page - ATMEL Corporation

Part # ATtiny45
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny45 Datasheet(HTML) 164 Page - ATMEL Corporation

Back Button ATtiny45 Datasheet HTML 160Page - ATMEL Corporation ATtiny45 Datasheet HTML 161Page - ATMEL Corporation ATtiny45 Datasheet HTML 162Page - ATMEL Corporation ATtiny45 Datasheet HTML 163Page - ATMEL Corporation ATtiny45 Datasheet HTML 164Page - ATMEL Corporation ATtiny45 Datasheet HTML 165Page - ATMEL Corporation ATtiny45 Datasheet HTML 166Page - ATMEL Corporation ATtiny45 Datasheet HTML 167Page - ATMEL Corporation ATtiny45 Datasheet HTML 168Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 196 page
background image
164
7598H–AVR–07/09
ATtiny25/45/85
Figure 23-17. Reset Pull-Up Resistor Current vs. Reset Pin Voltage (V
CC = 2.7V)
Figure 23-18. Reset Pull-Up Resistor Current vs. Reset Pin Voltage (V
CC = 5.0V)
RESET PULL-UP RESISTOR CURRENT vs . RESET PIN VOLTAGE
Vcc = 2.7V
0
10
20
30
40
50
60
70
0
0.5
1
1.5
2
2.5
3
V
RES ET (V)
125 ˚C
85 ˚C
25 ˚C
-40 ˚C
125 ˚C
85 ˚C
25 ˚C
-40 ˚C
RES ET P ULL-UP RES IS TOR CURRENT vs . RES ET P IN VOLTAGE
Vcc = 5.0V
0
20
40
60
80
100
120
140
01
234
56
V
RE S E T (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com