Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny45 Datasheet(PDF) 173 Page - ATMEL Corporation

Part # ATtiny45
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny45 Datasheet(HTML) 173 Page - ATMEL Corporation

Back Button ATtiny45 Datasheet HTML 169Page - ATMEL Corporation ATtiny45 Datasheet HTML 170Page - ATMEL Corporation ATtiny45 Datasheet HTML 171Page - ATMEL Corporation ATtiny45 Datasheet HTML 172Page - ATMEL Corporation ATtiny45 Datasheet HTML 173Page - ATMEL Corporation ATtiny45 Datasheet HTML 174Page - ATMEL Corporation ATtiny45 Datasheet HTML 175Page - ATMEL Corporation ATtiny45 Datasheet HTML 176Page - ATMEL Corporation ATtiny45 Datasheet HTML 177Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 196 page
background image
173
7598H–AVR–07/09
ATtiny25/45/85
Figure 23-35. Watchdog Oscillator Frequency vs. Temperature
Figure 23-36. Calibrated 8 MHz RC Oscillator Frequency vs. Temperature
WATCHDOG OS CILLATOR FREQUENCY vs . TEMP ERATURE
5.5 V
4.0 V
3.6 V
2.7 V
1.8 V
0.1
0.102
0.104
0.106
0.108
0.11
0.112
0.114
0.116
0.118
-40
-30
-20
-10
0
102030405060708090
100
110
120
Te mpera ture
CALIBRATED 8MHz RC OS CILLATOR FREQUENCY vs . TEMP ERATURE
5.0 V
3.0 V
7.5
7.6
7.7
7.8
7.9
8
8.1
8.2
8.3
8.4
-40
-30
-20
-10
0
102030405060708090
100
110
120
Te mpe ra ture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com