Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESSZ Datasheet(PDF) 210 Page - ATMEL Corporation

Part # ATtiny261-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESSZ Datasheet(HTML) 210 Page - ATMEL Corporation

Back Button ATtiny261-ESSZ Datasheet HTML 206Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 207Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 208Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 209Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 210Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 211Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 212Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 213Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 214Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 227 page
background image
210
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
0x09 (0x29)
ACSRB
HSEL
HLEV
ACM2
ACM1
ACM0
page 143
0x08 (0x28)
ACSRA
ACD
ACBG
ACO
ACI
ACIE
ACME
ACIS1
ACIS0
page 140
0x07 (0x27)
ADMUX
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
page 157
0x06 (0x26)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
page 160
0x05 (0x25)
ADCH
ADC Data Register High Byte
page 161
0x04 (0x24)
ADCL
ADC Data Register Low Byte
page 161
0x03 (0x23)
ADCSRB
BIN
GSEL
REFS2MUX5ADTS2
ADTS1
ADTS0
page 162
0x02 (0x22)
DIDR1
ADC10D
ADC9D
ADC8D
ADC7D
page 163
0x01 (0x21)
DIDR0
ADC6D
ADC5D
ADC4D
ADC3D
AREFD
ADC2D
ADC1D
ADC0D
page 163
0x00 (0x20)
TCCR1E
–
-
OC1OE5
OC1OE4
OC1OE3
OC1OE2
OC1OE1
OC1OE0
page 122
25. Register Summary (Continued)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
Notes:
1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses
should never be written.
2. I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these
registers, the value of single bits can be checked by using the SBIS and SBIC instructions.
3. Some of the Status Flags are cleared by writing a logical one to them. Note that, unlike most other AVRs, the CBI and SBI
instructions will only operation the specified bit, and can therefore be used on registers containing such Status Flags. The
CBI and SBI instructions work with registers 0x00 to 0x1F only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com