Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-15MZ Datasheet(PDF) 102 Page - ATMEL Corporation

Part # ATtiny261-15MZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-15MZ Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button ATtiny261-15MZ Datasheet HTML 98Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 99Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 100Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 101Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 102Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 103Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 104Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 105Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 227 page
background image
102
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
16.6.1
Compare Output Mode and Waveform Generation
The Waveform Generator uses the COM1x1:0 bits differently in Normal mode and PWM modes.
For all modes, setting the COM1x1:0 = 0 tells the Waveform Generator that no action on the
OCW1x Output is to be performed on the next Compare Match. For compare output actions in
the non-PWM modes refer to Table 16-6 on page 115. For fast PWM mode, refer to Table 16-7
on page 115, and for the Phase and Frequency Correct PWM refer to Table 16-8 on page 116.
A change of the COM1x1:0 bits state will have effect at the first Compare Match after the bits are
written. For non-PWM modes, the action can be forced to have immediate effect by using the
FOC1x strobe bits.
16.7
Modes of Operation
The mode of operation, i.e., the behavior of the Timer/Counter and the Output Compare pins, is
defined by the combination of the Waveform Generation mode (bits PWM1x and WGM10) and
Compare Output mode (COM1x1:0) bits. The Compare Output mode bits do not affect the
counting sequence, while the Waveform Generation mode bits do. The COM1x1:0 bits control
whether the PWM output generated should be inverted, non-inverted or complementary. For
non-PWM modes the COM1x1:0 bits control whether the output should be set, cleared, or tog-
gled at a Compare Match.
16.7.1
Normal Mode
The simplest mode of operation is the Normal mode (PWM1x = 0), the counter counts from
BOTTOM to TOP (defined as OCR1C) then restarts from BOTTOM. The OCR1C defines the
TOP value for the counter, hence also its resolution, and allows control of the Compare Match
output frequency. In toggle Compare Output Mode the Waveform Output (OCW1x) is toggled at
Compare Match between TCNT1 and OCR1x. In non-inverting Compare Output Mode the
Waveform Output is cleared on the Compare Match. In inverting Compare Output Mode the
Waveform Output is set on Compare Match.
The timing diagram for the Normal mode is shown in Figure 16-10. The counter value (TCNT1)
that is shown as a histogram in the timing diagram is incremented until the counter value
matches the TOP value. The counter is then cleared at the following clock cycle The diagram
includes the Waveform Output (OCW1x) in toggle Compare Mode. The small horizontal line
marks on the TCNT1 slopes represent Compare Matches between OCR1x and TCNT1.
Figure 16-10. Normal Mode, Timing Diagram
TCNTn
OCWnx
(COMnx=1)
OCnx Interrupt Flag Set
1
4
Period
2
3
TOVn Interrupt Flag Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com