Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 125 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 125 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 121Page - ATMEL Corporation ATtiny44 Datasheet HTML 122Page - ATMEL Corporation ATtiny44 Datasheet HTML 123Page - ATMEL Corporation ATtiny44 Datasheet HTML 124Page - ATMEL Corporation ATtiny44 Datasheet HTML 125Page - ATMEL Corporation ATtiny44 Datasheet HTML 126Page - ATMEL Corporation ATtiny44 Datasheet HTML 127Page - ATMEL Corporation ATtiny44 Datasheet HTML 128Page - ATMEL Corporation ATtiny44 Datasheet HTML 129Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 236 page
background image
125
8006H–AVR–10/09
ATtiny24/44/84
14.5.2
USIBR – USI Data Buffer
Instead of reading data from the USI Data Register the USI Buffer Register can be used. This
makes controlling the USI less time critical and gives the CPU more time to handle other pro-
gram tasks. USI flags as set similarly as when reading the USIDR register.
The content of the USI Data Register is loaded to the USI Buffer Register when the transfer has
been completed.
14.5.3
USISR – USI Status Register
The Status Register contains interrupt flags, line status flags and the counter value.
• Bit 7 – USISIF: Start Condition Interrupt Flag
When two-wire mode is selected, the USISIF Flag is set (to one) when a start condition has
been detected. When three-wire mode or output disable mode has been selected any edge on
the SCK pin will set the flag.
If USISIE bit in USICR and the Global Interrupt Enable Flag are set, an interrupt will be gener-
ated when this flag is set. The flag will only be cleared by writing a logical one to the USISIF bit.
Clearing this bit will release the start detection hold of USCL in two-wire mode.
A start condition interrupt will wakeup the processor from all sleep modes.
• Bit 6 – USIOIF: Counter Overflow Interrupt Flag
This flag is set (one) when the 4-bit counter overflows (i.e., at the transition from 15 to 0). If the
USIOIE bit in USICR and the Global Interrupt Enable Flag are set an interrupt will also be gener-
ated when the flag is set. The flag will only be cleared if a one is written to the USIOIF bit.
Clearing this bit will release the counter overflow hold of SCL in two-wire mode.
A counter overflow interrupt will wakeup the processor from Idle sleep mode.
• Bit 5 – USIPF: Stop Condition Flag
When two-wire mode is selected, the USIPF Flag is set (one) when a stop condition has been
detected. The flag is cleared by writing a one to this bit. Note that this is not an interrupt flag.
This signal is useful when implementing two-wire bus master arbitration.
• Bit 4 – USIDC: Data Output Collision
This bit is logical one when bit 7 in the USI Data Register differs from the physical pin value. The
flag is only valid when two-wire mode is used. This signal is useful when implementing Two-wire
bus master arbitration.
• Bits 3:0 – USICNT3:0: Counter Value
These bits reflect the current 4-bit counter value. The 4-bit counter value can directly be read or
written by the CPU.
Bit
7
6
5
4
3
2
1
0
0x10 (0x30)
MSB
LSB
USIBR
Read/Write
R
R
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
0x0D (0x2D)
USISIF
USIOIF
USIPF
USIDC
USICNT3
USICNT2
USICNT1
USICNT0
USISR
Read/Write
R/W
R/W
R/W
RR/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com