Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 175 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 175 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 171Page - ATMEL Corporation ATtiny44 Datasheet HTML 172Page - ATMEL Corporation ATtiny44 Datasheet HTML 173Page - ATMEL Corporation ATtiny44 Datasheet HTML 174Page - ATMEL Corporation ATtiny44 Datasheet HTML 175Page - ATMEL Corporation ATtiny44 Datasheet HTML 176Page - ATMEL Corporation ATtiny44 Datasheet HTML 177Page - ATMEL Corporation ATtiny44 Datasheet HTML 178Page - ATMEL Corporation ATtiny44 Datasheet HTML 179Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 236 page
background image
175
8006H–AVR–10/09
ATtiny24/44/84
Notes:
1. All DC Characteristics contained in this data sheet are based on simulation and characterization of other AVR microcon-
trollers manufactured in the same process technology. These values are preliminary values representing design targets, and
will be updated after characterization of actual silicon.
2. “Min” means the lowest value where the pin is guaranteed to be read as high.
3. “Max” means the highest value where the pin is guaranteed to be read as low.
4. Although each I/O port can sink more than the test conditions (10 mA at VCC = 5V, 5 mA at VCC = 3V) under steady state
conditions (non-transient), the sum of all IOL (for all ports) should not exceed 60 mA. If IOL exceeds the test conditions, VOL
may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test condition.
5. Although each I/O port can source more than the test conditions (10 mA at VCC = 5V, 5 mA at VCC = 3V) under steady state
conditions (non-transient), the sum of all IOH (for all ports) should not exceed 60 mA. If IOH exceeds the test condition, VOH
may exceed the related specification. Pins are not guaranteed to source current greater than the listed test condition.
6. The RESET pin must tolerate high voltages when entering and operating in programming modes and, as a consequence,
has a weak drive strength as compared to regular I/O pins. See Figure 21-24, Figure 21-25, Figure 21-26, and Figure 21-27
(starting on page 198).
20.3
Speed Grades
The maximum operating frequency of the device depends on V
CC. As shown in Figure 20-1 and
Figure 20-2, the maximum frequency vs. V
CC relationship is linear between 1.8V < VCC < 2.7V
and between 2.7V < V
CC < 4.5V.
Figure 20-1. Maximum Frequency vs. V
CC (ATtiny24V/44V/84V)
ICC
Power Supply Current
Active 1MHz, VCC = 2V
0.33
0.8
mA
Active 4MHz, VCC = 3V
1.6
2.5
mA
Active 8MHz, VCC = 5V
5
9
mA
Idle 1MHz, VCC = 2V
0.11
0.4
mA
Idle 4MHz, VCC = 3V
0.4
1.0
mA
Idle 8MHz, VCC = 5V
1.5
3.5
mA
Power-down mode
WDT enabled, VCC = 3V
4.5
10
µA
WDT disabled, VCC = 3V
0.15
2
µA
Table 20-1.
DC Characteristics. T
A = -40°C to +85°C (Continued)
Symbol
Parameter
Condition
Min
(1)
Typ
(1)
Max
(1)
Units
10 MHz
4 MHz
1.8V
2.7V
5.5V
Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com