Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 182 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 182 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 178Page - ATMEL Corporation ATtiny44 Datasheet HTML 179Page - ATMEL Corporation ATtiny44 Datasheet HTML 180Page - ATMEL Corporation ATtiny44 Datasheet HTML 181Page - ATMEL Corporation ATtiny44 Datasheet HTML 182Page - ATMEL Corporation ATtiny44 Datasheet HTML 183Page - ATMEL Corporation ATtiny44 Datasheet HTML 184Page - ATMEL Corporation ATtiny44 Datasheet HTML 185Page - ATMEL Corporation ATtiny44 Datasheet HTML 186Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 236 page
background image
182
8006H–AVR–10/09
ATtiny24/44/84
Note:
1. Values are preliminary.
Table 20-11. ADC Characteristics, Differential Channels (Bipolar Mode), T
A = -40°C to 85°C
Symbol
Parameter
Condition
Min(1)
Typ(1)
Max(1)
Units
Resolution
Gain = 1x
10
Bits
Gain = 20x
10
Bits
Absolute accuracy
(Including INL, DNL, and Quantization, Gain
and Offset Errors)
Gain = 1x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
8.0
TBD
LSB
Gain = 20x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
8.0
TBD
LSB
Integral Non-Linearity (INL)
(Accuracy after Offset and Gain Calibration)
Gain = 1x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
4.0
TBD
LSB
Gain = 20x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
5.0
TBD
LSB
Gain Error
Gain = 1x
4.0
TBD
LSB
Gain = 20x
5.0
TBD
LSB
Offset Error
Gain = 1x
V
REF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
3.0
TBD
LSB
Gain = 20x
V
REF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
4.0
TBD
LSB
Conversion Time
Free Running Conversion
70
280
µs
Clock Frequency
50
200
kHz
VIN
Input Voltage
GNDVCC
V
V
DIFF
Input Differential Voltage
V
REF/Gain
V
Input Bandwidth
4kHz
AREF
External Reference Voltage
2.0
VCC - 1.0
V
V
INT
Internal Voltage Reference
1.0
1.1
1.2
V
RREF
Reference Input Resistance
32
k
Ω
RAIN
Analog Input Resistance
100
M
Ω
ADC Conversion Output
-512
511
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com