Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MMU Datasheet(PDF) 237 Page - ATMEL Corporation

Part # ATtiny48-MMU
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MMU Datasheet(HTML) 237 Page - ATMEL Corporation

Back Button ATtiny48-MMU Datasheet HTML 233Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 234Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 235Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 236Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 237Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 238Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 239Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 240Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 241Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 266 page
background image
237
8008C–AVR–03/09
ATtiny48/88
Figure 22-44. Watchdog Oscillator Frequency vs. Temperature
Figure 22-45. Calibrated 8 MHz Oscillator Frequency vs. V
CC
WATCHDOG OSCILLATOR FREQUENCY vs. TEMPERATURE
5.5 V
4.0 V
3.3 V
2.7 V
1.8 V
104
105
106
107
108
109
110
111
112
113
-60
-40
-20
0
20
40
60
80
100
Temperature
CALIBRATED 8 MHz RC OSCILLATOR FREQUENCY vs. VCC
85 °C
25 °C
-40 °C
7.7
7.8
7.9
8
8.1
8.2
8.3
8.4
8.5
8.6
1.5
1.9
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com