Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MMU Datasheet(PDF) 245 Page - ATMEL Corporation

Part # ATtiny48-MMU
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MMU Datasheet(HTML) 245 Page - ATMEL Corporation

Back Button ATtiny48-MMU Datasheet HTML 241Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 242Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 243Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 244Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 245Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 246Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 247Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 248Page - ATMEL Corporation ATtiny48-MMU Datasheet HTML 249Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 266 page
background image
245
8008C–AVR–03/09
ATtiny48/88
(0x7C)
ADMUX
–
REFS0
ADLAR
–
MUX3
MUX2
MUX1
MUX0
170
(0x7B)
ADCSRB
–ACME
–
–
–
ADTS2
ADTS1
ADTS0
173
(0x7A)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
171
(0x79)
ADCH
ADC Data Register High byte
173
(0x78)
ADCL
ADC Data Register Low byte
173
(0x77)
Reserved
–
–
–
–
–
–
–
–
(0x76)
Reserved
–
–
–
–
–
–
–
–
(0x75)
Reserved
–
–
–
–
–
–
–
–
(0x74)
Reserved
–
–
–
–
–
–
–
–
(0x73)
Reserved
–
–
–
–
–
–
–
–
(0x72)
Reserved
–
–
–
–
–
–
–
–
(0x71)
Reserved
–
–
–
–
–
–
–
–
(0x70)
Reserved
–
–
–
–
–
–
–
–
(0x6F)
TIMSK1
–
–ICIE1
–
–
OCIE1B
OCIE1A
TOIE1
109
(0x6E)
TIMSK0
–
–
–
–
–
OCIE0B
OCIE0A
TOIE0
82
(0x6D)
PCMSK2
PCINT23
PCINT22
PCINT21
PCINT20
PCINT19
PCINT18
PCINT17
PCINT16
54
(0x6C)
PCMSK1
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
54
(0x6B)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
54
(0x6A)
PCMSK3
–
–
-
-
PCINT27
PCINT26
PCINT25
PCINT24
54
(0x69)
EICRA
–
–
–
–ISC11
ISC10
ISC01
ISC00
50
(0x68)
PCICR
–
–
–
–
PCIE3
PCIE2
PCIE1
PCIE0
52
(0x67)
Reserved
–
–
–
–
–
–
–
–
(0x66)
OSCCAL
Oscillator Calibration Register
31
(0x65)
Reserved
–
–
–
–
–
–
–
–
(0x64)
PRR
PRTWI
–PRTIM0
–
PRTIM1
PRSPI
–PRADC
37
(0x63)
Reserved
–
–
–
–
–
–
–
–
(0x62)
Reserved
–
–
–
–
–
–
–
–
(0x61)
CLKPR
CLKPCE
–
–
–
CLKPS3
CLKPS2
CLKPS1
CLKPS0
31
(0x60)
WDTCSR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
44
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
9
0x3E (0x5E)
Reserved
–
–
–
–
–
–
–
–
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
12
0x3C (0x5C)
Reserved
–
–
–
–
–
–
–
–
0x3B (0x5B)
Reserved
–
–
–
–
–
–
–
–
0x3A (0x5A)
Reserved
–
–
–
–
–
–
–
–
0x39 (0x59)
Reserved
–
–
–
–
–
–
–
–
0x38 (0x58)
Reserved
–
–
–
–
–
–
–
–
0x37 (0x57)
SPMCSR
–
RWWSB
–
CTPB
RFLB
PGWRT
PGERS
SELFPRGEN
182
0x36 (0x56)
Reserved
–
–
–
–
–
0x35 (0x55)
MCUCR
–
BPDS
BPDSE
PUD
–
–
–
–
0x34 (0x54)
MCUSR
–
–
–
–
WDRF
BORF
EXTRF
PORF
44
0x33 (0x53)
SMCR
–
–
–
–
–SM1
SM0
SE
36
0x32 (0x52)
Reserved
–
–
–
–
–
–
–
–
0x31 (0x51)
DWDR
debugWire Data Register
176
0x30 (0x50)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
156
0x2F (0x4F)
Reserved
–
–
–
–
–
–
–
–
0x2E (0x4E)
SPDR
SPI Data Register
123
0x2D (0x4D)
SPSR
SPIF
WCOL
–
–
–
–
–
SPI2X
122
0x2C (0x4C)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
121
0x2B (0x4B)
GPIOR2
General Purpose I/O Register 2
24
0x2A (0x4A)
GPIOR1
General Purpose I/O Register 1
24
0x29 (0x49)
Reserved
–
–
–
–
–
–
–
–
0x28 (0x48)
OCR0B
Timer/Counter0 Output Compare Register B
82
0x27 (0x47)
OCR0A
Timer/Counter0 Output Compare Register A
81
0x26 (0x46)
TCNT0
Timer/Counter0 (8-bit)
81
0x25 (0x45)
TCCR0A
–
–
–
–
CTC0
CS02
CS01
CS00
80
0x24 (0x44)
Reserved
–
–
–
–
–
–
–
–
0x23 (0x43)
GTCCR
TSM
–
–
–
–
–
–
PSRSYNC
113
0x22 (0x42)
Reserved
–
–
–
–
–
–
–
–
0x21 (0x41)
EEARL
EEPROM Address Register Low Byte
22
0x20 (0x40)
EEDR
EEPROM Data Register
22
0x1F (0x3F)
EECR
–
–
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
22
0x1E (0x3E)
GPIOR0
General Purpose I/O Register 0
24
0x1D (0x3D)
EIMSK
–
–
–
–
–
–INT1
INT0
51
0x1C (0x3C)
EIFR
–
–
–
–
–
–
INTF1
INTF0
51
0x1B (0x3B)
PCIFR
–
–
–
–
PCIF3
PCIF2
PCIF1
PCIF0
52
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com