Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny88 Datasheet(PDF) 154 Page - ATMEL Corporation

Part # ATtiny88
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny88 Datasheet(HTML) 154 Page - ATMEL Corporation

Back Button ATtiny88 Datasheet HTML 150Page - ATMEL Corporation ATtiny88 Datasheet HTML 151Page - ATMEL Corporation ATtiny88 Datasheet HTML 152Page - ATMEL Corporation ATtiny88 Datasheet HTML 153Page - ATMEL Corporation ATtiny88 Datasheet HTML 154Page - ATMEL Corporation ATtiny88 Datasheet HTML 155Page - ATMEL Corporation ATtiny88 Datasheet HTML 156Page - ATMEL Corporation ATtiny88 Datasheet HTML 157Page - ATMEL Corporation ATtiny88 Datasheet HTML 158Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 266 page
background image
154
8008C–AVR–03/09
ATtiny48/88
• Bit 0 – TWGCE: TWI General Call Recognition Enable Bit
If set, this bit enables the recognition of a General Call given over the 2-wire Serial Bus.
15.9.6
TWAMR – TWI (Slave) Address Mask Register–
• Bits 7..1 – TWAM: TWI Address Mask
The TWAMR can be loaded with a 7-bit Salve Address mask. Each of the bits in TWAMR can
mask (disable) the corresponding address bits in the TWI Address Register (TWAR). If the mask
bit is set to one then the address match logic ignores the compare between the incoming
address bit and the corresponding bit in TWAR. Figure 15-22 shown the address match logic in
detail.
Figure 15-22. TWI Address Match Logic, Block Diagram
• Bit 0 – Res: Reserved Bit
These bits are reserved and will always read zero.
15.9.7
TWHSR – TWI High Speed Register
• Bits 7..1 – Res: Reserved Bits
These bits are reserved and will always read zero.
• Bit 0 – TWHS: TWI High Speed Enable
TWI High Speed mode is enabled by writing this bit to one. In this mode the undivided system
clock is selected as TWI clock. See Figure 6-1 on page 25.
The TWI High Speed mode requires that the high-speed clock, clk
TWIHS, is exactly two times
higher than the I/O clock frequency, clk
I/O. This means the user must make sure the I/O clock
frequency clk
I/O is scaled down by a factor of 2. For example, if the internal 8 MHz oscillator has
been selected as source clock, the user must set the prescaler to scale the system clock (and,
hence, the I/O clock) down to 4 MHz. For more information about clock systems, see “Clock
Systems and their Distribution” on page 25.
Bit
7
654
32
10
TWAM[6:0]
–
TWAMR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
Initial Value
0
0
0
0
0
0
0
0
Address
Match
Address Bit Comparator 0
Address Bit Comparator 6..1
TWAR0
TWAMR0
Address
Bit 0
Bit
7
654
32
10
–
–––
––
–
TWHS
TWHSR
Read/Write
RR
RR
RR
R
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com