Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny88 Datasheet(PDF) 202 Page - ATMEL Corporation

Part # ATtiny88
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny88 Datasheet(HTML) 202 Page - ATMEL Corporation

Back Button ATtiny88 Datasheet HTML 198Page - ATMEL Corporation ATtiny88 Datasheet HTML 199Page - ATMEL Corporation ATtiny88 Datasheet HTML 200Page - ATMEL Corporation ATtiny88 Datasheet HTML 201Page - ATMEL Corporation ATtiny88 Datasheet HTML 202Page - ATMEL Corporation ATtiny88 Datasheet HTML 203Page - ATMEL Corporation ATtiny88 Datasheet HTML 204Page - ATMEL Corporation ATtiny88 Datasheet HTML 205Page - ATMEL Corporation ATtiny88 Datasheet HTML 206Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 266 page
background image
202
8008C–AVR–03/09
ATtiny48/88
Notes:
1. All DC Characteristics contained in this data sheet are based on simulation and characterization of other AVR microcon-
trollers manufactured in the same process technology. These values are preliminary, representing design targets, and will be
updated after characterization of actual silicon.
2. “Max” means the highest value where the pin is guaranteed to be read as low
3. These parameters are not tested in production.
4. “Min” means the lowest value where the pin is guaranteed to be read as high
5. Although each I/O port can sink more than the test conditions (10 mA at V
CC = 5V, 5 mA at VCC = 3V, 2 mA at VCC = 1.8V)
under steady state conditions (non-transient), the following must be observed:
• The sum of all IOL, for ports A0, A3, B0 – B7, C7, D5 – D7 should not exceed TBD mA.
• The sum of all I
OL, for ports A1 – A2, C0 – C6, D0 – D4 should not exceed TBD mA.
If I
OL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
6. The RESET pin must tolerate high voltages when entering and operating in programming modes and, as a consequence,
has a weak drive strength as compared to regular I/O pins. See Figure 22-28, Figure 22-29, Figure 22-30, Figure 22-31, Fig-
ure 22-32 and Figure 22-33 (starting on page 229).
7. High Sink I/O pins are PD0, PD1, PD2 and PD3.
8. Although each I/O port can source more than the test conditions (10 mA at V
CC = 5V, 5mA at VCC = 3V, 2 mA at VCC = 1.8V)
under steady state conditions (non-transient), the following must be observed:
• The sum of all I
OH, for ports A2 – A3, B0 – B7, C6, D0 – D7 should not exceed TBD mA.
• The sum of all I
OH, for ports A0 – A1, C0 – C5, C7 should not exceed TBD mA.
If IIOH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current
greater than the listed test condition.
9. These are test limits, which account for leakage currents of the test environment. Actual device leakage currents are lower.
10. Measured with all I/O modules turned off (PRR = 0xFF).
11. Measured with Brown-Out Detection (BOD) disabled.
ILIL
Input Leakage
Current I/O Pin
V
CC = 5.5V, pin low
(absolute value)
<0.05
1 (9)
µA
ILIH
Input Leakage
Current I/O Pin
VCC = 5.5V, pin high
(absolute value)
<0.05
1 (9)
µA
RPU
Pull-up Resistor, I/O Pin
VCC = 5.5V, input low
20
50
k
Ω
Pull-up Resistor, Reset Pin
VCC = 5.5V, input low
30
60
k
Ω
ICC
Supply Current,
Active Mode (10)
f = 1MHz, VCC = 2V
0.2
0.4
mA
f = 4MHz, VCC = 3V
1.4
2.5
mA
f = 8MHz, VCC = 5V
4.5
8
mA
Supply Current,
Idle Mode
f = 1MHz, VCC = 2V
0.03
0.1
mA
f = 4MHz, VCC = 3V
0.25
0.6
mA
f = 8MHz, VCC = 5V
1
2
mA
Supply Current,
Power-Down Mode (11)
WDT enabled, VCC = 3V
4
10
µA
WDT disabled, VCC = 3V
< 0.2
2
µA
T
A = -40°C to 85°C, VCC = 1.8V to 5.5V (unless otherwise noted)
(1) (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com