Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega328P Datasheet(PDF) 356 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 356 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 352Page - ATMEL Corporation ATmega328P Datasheet HTML 353Page - ATMEL Corporation ATmega328P Datasheet HTML 354Page - ATMEL Corporation ATmega328P Datasheet HTML 355Page - ATMEL Corporation ATmega328P Datasheet HTML 356Page - ATMEL Corporation ATmega328P Datasheet HTML 357Page - ATMEL Corporation ATmega328P Datasheet HTML 358Page - ATMEL Corporation ATmega328P Datasheet HTML 359Page - ATMEL Corporation ATmega328P Datasheet HTML 360Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 448 page
background image
356
8161D–AVR–10/09
ATmega48PA/88PA/168PA/328P
29.2.3
ATmega88PA: Supply Current of IO Modules
The tables and formulas below can be used to calculate the additional current consumption for
the different I/O modules in Active and Idle mode. The enabling or disabling of the I/O modules
are controlled by the Power Reduction Register. See ”Power Reduction Register” on page 42 for
details.
It is possible to calculate the typical current consumption based on the numbers from Table 29-4
on page 356 for other V
CC and frequency settings than listed in Table 29-3 on page 356.
Example
Calculate the expected current consumption in idle mode with TIMER1, ADC, and SPI enabled
at V
CC = 2.0V and F = 1MHz. From Table 29-4 on page 356, third column, we see that we need
to add 13.6% for the TIMER1, 26.3% for the ADC, and 21.5% for the SPI module. Reading from
Figure 29-52 on page 353
, we find that the idle current consumption is ~0.027 mA at V
CC = 2.0V
and F = 1MHz. The total current consumption in idle mode with TIMER1, ADC, and SPI enabled,
gives:
Table 29-3.
ATmega88PA: Additional Current Consumption for the different I/O modules
(absolute values)
PRR bit
Typical numbers
VCC = 2V, F = 1 MHz
VCC = 3V, F = 4 MHz
VCC = 5V, F = 8 MHz
PRUSART0
3.0 uA
21.3 uA
97.9 uA
PRTWI
6.1 uA
45.4 uA
219.0 uA
PRTIM2
5.2 uA
35.2 uA
149.5 uA
PRTIM1
3.8 uA
25.6 uA
110.0 uA
PRTIM0
1.5 uA
9.8 uA
39.6 uA
PRSPI
5.2 uA
40.0 uA
199.6 uA
PRADC
6.3 uA
48.7 uA
247.0 uA
Table 29-4.
ATmega88PA: Additional Current Consumption (percentage) in Active and Idle
mode
PRR bit
Additional Current consumption
compared to Active with external
clock (see Figure 29-47 on page
351 and Figure 29-48 on page
351)
Additional Current consumption
compared to Idle with external
clock (see Figure 29-52 on page
353 and Figure 29-53 on page
354)
PRUSART0
1.8%
11.4%
PRTWI
3.9%
24.4%
PRTIM2
2.9%
18.6%
PRTIM1
2.1%
13.6%
PRTIM0
0.8%
5.2%
PRSPI
3.5%
21.5%
PRADC
4.2%
26.3%
ICCtotal
0.027 mA (1 + 0.136 + 0.263 + 0.215)
⋅
0.043 mA
≈≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com