Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535EBVTATH Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTATH Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTATH Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8535EBVTATH Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8535EBVTATH Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8535EBVTATH Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8535EBVTATH Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8535EBVTATH Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8535EBVTATH Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8535EBVTATH Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8535EBVTATH Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 126 page
background image
Part Numbers Fully Addressed by This Document
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
121
4.1
Part Numbers Fully Addressed by This Document
4.2
Part Marking
Parts are marked as in the example shown in Figure 80.
Figure 80. Part Marking for FC-PBGA Device
Table 82. Device Nomenclature
MPC
nnnn
E
C
VT
AA
X
R
Product
Code
Part
Identifier
Security
Engine
Tiers and Temperature
Range
Package 1
Processor
Frequency 2
DDR
Frequency3
Revision
Level
MPC
8536
8535
E = included
A = Commercial Tier
standard temperature
range(0
° to 90°C)
B or Blank =Industrial
Tier
standard temperature
range(0
° to 105°C)
C = Industrial Tier
Extended temperature
range(–40
° to 105°C)
VT = FC-PBGA
(lead free)
PX = plastic
Standard
AK = 600 MHz
AN = 800 MHz
AQ = 1000 MHz
AT = 1250 MHz
AU = 1333 MHz
AV = 1500 MHz
G = 400 MHz
H = 500 MHz
J = 533 MHz
L = 667 MHz
—
Blank = not
included
—
Notes:
1. See Section 5, “Package Information,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this specification
support all core frequencies. Additionally, parts addressed by part number specifications may support other maximum core
frequencies.
3. See Table 84 for the corresponding maximum platform frequency
MMMMM CCCCC
YWWLAZ
Notes:
CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States.
MMMMM is the 5-digit mask number.
ATWLYYWW is the traceability code.
FC-PBGA
MPC853nVTnnnn
ATWLYYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com