Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536EBVTANG Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # MPC8536EBVTANG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536EBVTANG Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button MPC8536EBVTANG Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8536EBVTANG Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8536EBVTANG Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8536EBVTANG Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8536EBVTANG Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8536EBVTANG Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8536EBVTANG Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8536EBVTANG Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8536EBVTANG Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Thermal
Freescale Semiconductor
112
Figure 72. System Level Thermal Model for MPC8536E (Not to Scale)
The Flotherm library files of the parts have a dense grid to accurately capture the laminar boundary layer for flow over the part
in standard JEDEC environments, as well as the heat spreading in the board under the package. In a real system, however, the
part will require a heat sink to be mounted on it. In this case, the predominant heat flow path will be from the die to the heat
sink. Grid density lower than currently in the package library file will suffice for these simulations. The user will need to
determine the optimal grid for their specific case.
Solder and Air (29
× 29 × 0.5 mm)
Kx
0.034
W/m•K
Ky
0.034
Kz
12.1
Table 80. MPC8536E Thermal Model (continued)
Conductivity
Value
Units
Substrate
Die
Bump/underfill
A
A
Section A-A
Solder/air
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com