Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536EBVTANG Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # MPC8536EBVTANG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536EBVTANG Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button MPC8536EBVTANG Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8536EBVTANG Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8536EBVTANG Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8536EBVTANG Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8536EBVTANG Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8536EBVTANG Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8536EBVTANG Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8536EBVTANG Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8536EBVTANG Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Guidelines for High-Speed Interface Termination
Freescale Semiconductor
122
The following pins must be connected to XGND if not used:
•
SD1_RX[7:0]
•
SD1_RX[7:0]
•
SD1_REF_CLK
•
SD1_REF_CLK
3.11.3
SerDes 2 Interface Entirely Unused
If the high-speed SerDes 2 interface (SGMII/ SATA) is not used at all, the unused pin should be terminated as described in this
section. See SerDes2 in Table 1 for details.
The following pins must be left unconnected (float):
•
SD2_TX[1:0]
•
SD2_TX[1:0]
•
Reserved pins L8, L9
The following pins must be connected to X2GND:
•
SD2_RX[1:0]
•
SD2_RX[1:0]
•
SD2_REF_CLK
•
SD2_REF_CLK
The POR configuration pin cfg_srds2_prtcl[0:2] on TSEC1_TXD[2], TSEC3_TXD[2], TSEC_1588_PUSLE_OUT1 can be
used to power down SerDes 2 block for power saving. Note that both S2VDD and X2VDD must remain powered.
3.11.4
SerDes 2 Interface Partly Unused
If only part of the high speed SerDes 2 (SGMII/SATA) interface pins are used, the remaining high-speed serial I/O pins should
be terminated as described in this section.
The following pins must be left unconnected (float) if not used:
•
SD2_TX[1:0]
•
SD2_TX[1:0]
•
Reserved pins: T22, T23
The following pins must be connected to X2GND if not used:
•
SD2_RX[1:0]
•
SD2_RX[1:0]
4
Ordering Information
Ordering information for the parts fully covered by this specification document is provided in Section 4.1, “Part Numbers Fully
Addressed by This Document.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com