Electronic Components Datasheet Search |
|
O0.5-JO53-A-1.8-2-T1 Datasheet(PDF) 2 Page - Jauch Quartz Gmbh |
|
O0.5-JO53-A-1.8-2-T1 Datasheet(HTML) 2 Page - Jauch Quartz Gmbh |
2 / 2 page Jauch Quartz GmbH • e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice Oscillator · JO53 · 1.8 V · Stop Function Direction of feed 8.0±0.1 ø 1.5±0.1 4.0 2.0 0.3±0.05 1.7±0.1 3.5±0.1 ø 1.5±0.1 Taping Specification 500 pcs per reel 2.0 ø21 120° 13.4 temperature (°C) time (s) 150 260 200 50 100 60 ~180 s 60 s max. 10 s max. 260 °C max. 180 ±5 °C 220 ±5 °C Reflow Soldering Profile note: parts are also suitable for soldering systems with lead (Pb) content Marking frequency type / date code date code: A ~ M: Jan.- Dec. 5: 2005 6: 2006 7: 2007 Jan. Febr. Mar. Apr. May June AB C D E F July Aug. Sept. Oct. Nov. Dec. GH J K L M Enable / Disable Function pin #1 (e/d control) pin #3 (output) open active high ”1” (VIH ≥ 0.8 VDC) active low ”0” (VIL ≤ 0.2 VDC) high impedance stop function: • oscillator stops • output high impedance – standard packing units are 500 pieces per reel – non-multiple packing units are only supplied taped / bulk Packing Note in mm |
Similar Part No. - O0.5-JO53-A-1.8-2-T1 |
|
Similar Description - O0.5-JO53-A-1.8-2-T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.IN |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |