Electronic Components Datasheet Search |
|
O0.5-JO53-C-2.5-1-T1 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh |
|
O0.5-JO53-C-2.5-1-T1 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh |
1 / 2 page Jauch Quartz GmbH • e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice RoHS 2002/95/EC Pb free: pins / pads RoHS compliant Oscillator · JO53 · 2.5 V actual size ■ reflow soldering temperature: 260 °C max. ■ ceramic/metal package blank = -10 °C ~ +70 °C T1 = -40 °C ~ +85 °C Order Information Example: O 20.0-JO53-B-2.5-1 (LF = RoHS compliant / Pb free pins or pads) O frequency type frequency stability code Oscillator 0.5 ~ 80.0 MHz JO53 see table 1 2.5 = 2.5 V 1 = 15 pF 2 = 30 pF option supply voltage code output load code Table 3: Rise & Fall Time max. 6 ns: 0.5 ~ 1.79 MHz 5 ns: 1.80 ~ 49.90 MHz 4 ns: 50.0 ~ 80.00 MHz note: - specific data on request - rise time: 0.1 VDC ~ 0.9 VDC - fall time: 0.9 VDC ~ 0.1 VDC Table 2: Current Consumption max. 0.5 ~ 14.9 MHz 6 mA 15.0 ~ 29.9 MHz 8 mA 30.0 ~ 39.9 MHz 10 mA 40.0 ~ 49.9 MHz 13 mA 50.0 ~ 59.9 MHz 16 mA 60.0 ~ 80.0 MHz 20 mA 0.5 ~ 14.9 MHz 8 mA 15.0 ~ 29.9 MHz 10 mA 30.0 ~ 39.9 MHz 13 mA 40.0 ~ 50.0 MHz 15 mA Current at 15pF load Current at 30pF load Table 1: Frequency Stability Code stability code AB G C D ± 100 ppm ± 50 ppm ± 30 ppm ± 25 ppm ± 20 ppm -10 °C ~ +70 °C • OO Δ -40 °C ~ +85 °C • OO O • standard O available Δ excludes aging General Data type frequency range frequency stability over all* current consumption supply voltage VDC temperature operating storage output rise & fall time load max current max. low level max. high level min. output enable time max. output disable time max. start-up time max. standby function standby current max. phase jitter 12 kHz ~ 20.0 MHz symmetry at 0.5 x VDC JO53 2.5 V 0.50 ~ 80.0 MHz (15pF max.) 0.50 ~ 50.0 MHz (30pF max.) ± 20 ppm ~ ± 100 ppm (table 1) see table 2 2.5 V ± 5% -10 °C ~ +70 °C / -40 °C ~ +85 °C -55 °C ~ +125 °C see table 3 15pF / 30pF 4mA 0.1 x VDC 0.9 x VDC 10ms 200ns 10ms stop 5µA < 1.0ps RMS 45% ~ 55% typ. (40% ~ 60% max.) 5.0±0.2 1.2±0.1 # 1 # 2 # 4 # 3 2.54±0.1 1.6±0.1 2.54±0.1 # 2 # 1 # 3 # 4 Dimensions in mm top view side view bottom view pad layout pin connection # 1: e/d # 2: ground # 3: output # 4: VDC * includes stability at 25 °C, operating temp. range, supply voltage change, shock and vibration, aging 1st year. SMD Oscillator with Stop Function · 5.0 x 3.2 mm |
Similar Part No. - O0.5-JO53-C-2.5-1-T1 |
|
Similar Description - O0.5-JO53-C-2.5-1-T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.IN |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |