Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z-01HS-B Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # Z-01HS-B
Description  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-01HS-B Datasheet(HTML) 4 Page - Omron Electronics LLC

  Z-01HS-B Datasheet HTML 1Page - Omron Electronics LLC Z-01HS-B Datasheet HTML 2Page - Omron Electronics LLC Z-01HS-B Datasheet HTML 3Page - Omron Electronics LLC Z-01HS-B Datasheet HTML 4Page - Omron Electronics LLC Z-01HS-B Datasheet HTML 5Page - Omron Electronics LLC Z-01HS-B Datasheet HTML 6Page - Omron Electronics LLC Z-01HS-B Datasheet HTML 7Page - Omron Electronics LLC Z-01HS-B Datasheet HTML 8Page - Omron Electronics LLC Z-01HS-B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
150
General-purpose Basic Switch
Z
*1.
: Solder terminal
: Screw terminal
*2. The pin plungers of reverse-type models are continuously pressed by the actuator levers with compression coil springs and the pin plungers
are freed by operating the levers. Reverse-type models are highly vibration- and shock-resistive because the pin plungers are normally
pressed.
Split-contact Models
Maintained-contact Models
*1.
: Solder terminal
: Screw terminal
*2. The pin plungers of reverse-type models are continuously pressed by the actuator levers with compression coil springs and the pin plungers
are freed by operating the levers. Reverse-type models are highly vibration- and shock-resistive because the pin plungers are normally
pressed.
Hinge cross roller
lever
Z-15GW54
---
---
---
---
Z-15GW54-B
Unidirectional
short hinge roller
lever
Parallel
Z-15GW2277
---
---
---
---
Z-15GW2277-B
Reverse hinge lever
*2
Z-15GM
---
---
---
---
Z-15GM-B
Reverse short hinge
roller lever *2
Z-15GM22
---
---
---
---
Z-15GM22-B
Reverse hinge
roller lever *2
Z-15GM2
---
---
---
---
Z-15GM2-B
Actuator
Classification
Standard
High-sensitivity
Extra-high
sensitivity
High-capacity
Micro load
Contact gap
G (0.5 mm)
H (0.25 mm)
H2 (0.20 mm)
E (1.8 mm)
H (0.25 mm)
Terminal *1
Model
Model
Model
Model
Model
Contact gap
F (1.0 mm)
Actuator
Terminal *1
Model
Pin plunger
---
Z-10FY-B
Slim spring plunger
---
Z-10FSY-B
Short spring plunger
---
Z-10FDY-B
Panel mount plunger
---
Z-10FQY-B
Panel mount roller
plunger
---
Z-10FQ22Y-B
Hinge lever
---
Z-10FWY-B
Short hinge roller
lever
---
Z-10FW22Y-B
Hinge roller lever
---
Z-10FW2Y-B
Reverse short hinge
roller lever *2
---
Z-10FM22Y-B
Actuator
Model
Pin plunger
Z-15ER
Slim spring plunger
Z-15ESR
Hinge lever
Z-15EWR


Similar Description - Z-01HS-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com