Electronic Components Datasheet Search |
|
7-002-171PTLHT Datasheet(PDF) 1 Page - Aries Electronics, Inc. |
|
7-002-171PTLHT Datasheet(HTML) 1 Page - Aries Electronics, Inc. |
1 / 2 page Series 171 thru 173 Flat Pin Staked Flex Jumpers Note: Aries specializes in custom design and production. In addition to the standard products shown on this page, special materials, platings, sizes, and configurations can be furnished, depending on quantities. Aries reserves the right to change product specifications without notice. FEATURES: • Aries Flat Pin Staked Flex Jumpers combine thin, flexible, solid Copper conductors embedded between layers of tough, flexible, flame- retardant insulation. • Consult factory for cable lengths under 2.000 [50.80]. • See DataSheet 11019 for 90° Pin Staked Flex Jumpers. • For RoHS applications for Lead-Free Soldering use HT Cable. GENERAL SPECIFICATIONS: • Standard cable insulation is white UL VW-1, Style 2643 flame retardant Polyester (Mylar) adhesive. • High temperature flame retardant cable insulation is Polyimide (Kapton) insulation with acrylic adhesive. • Cable conductors are solid Copper with a cross-sectional area equiva- lent to that of 26 gauge AWG. • Female housing is black UL 94V-0 Glass-filled Stanyl 4/6 Nylon. • Female and male “crimp-on” pins are spring-tempered Copper Alloy 510. • Female and male pin plating: T = 100 μ” [2.54μm] min. Matte Tin per ASTM-B545-97 over 50μ” Min Nickel per SAE-AMS-QQ-N-290 TL = 100 μ” [2.54μm] min. 93/7 Tin/Lead per SAE-AMS-P-81728 over 50 μ” [1.27μm] min. Nickel per SAE-AMS-QQ-N-290. • Cable current rating=3 Amps. • Cable voltage rating=300 Volts. • Cable dielectric strength=2500 Volts/mil, minimum (standard) =4000 Volts/mil, minimum (high temp.). • Cable insulation resistance=1000 MOhms minimum (standard) =100,000 MOhms (high temp.). • Operating temperature=-67 to 257°F [-55 to 105°C]. • Female housing accepts leads .024-.030 [.61-.76] square, .150 [3.81] long minimum. MOUNTING CONSIDERATIONS: •Suggested PCB hole size=.032 ± .002 [.81 ± .05] dia. MALE CONTACT DETAIL ORDERING INFORMATION No. of conductors (4 thru 40) Cable length: “L” in inches: Min. Cable Length = 2.00” (-002-) 2” = -002- 2.5” = -002.5- 2.25” = -002.25- 2.125” = -002.125- Jumper series: 171: male Tin both ends 172: male Tin/female Tin 173: female Tin both ends CABLE DETAIL Kapton is a registered trademark of DuPont PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED 11005 REV. J Page 1 of 2 XX-XXXXX-17XXXXXX Optional Suffix: P= polarization stripe along one edge of cable** ** Aries reserves the right to ship with or without a polariza- tion stripe unless otherwise specified by the customer Optional Suffix: TL = Tin/Lead Plating Optional Suffix: HT = High temp. cable insulation Bristol, PA USA TEL: (215) 781-9956 FAX: (215) 781-9845 http://www.arieselec.com • info@arieselec.com abc |
Similar Part No. - 7-002-171PTLHT |
|
Similar Description - 7-002-171PTLHT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.IN |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |