Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q-150K Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # Q-150K
Description  HEAT SHRINK THIN WALL TUBING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

Q-150K Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  Q-150K Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Q-150K
150°C , BLACK, MODIFIED THIN WALL FLEXIBLE PVDF TUBING
SHRINK RATIO 2:1
Features/Applications
Excellent flame-retardant, heat shrinkable polyvinylidence fluoride
tubing for applications requiring high temperature performance,
outstanding abrasion and cut-through resistance or superior
chemical and solvent resistant properties. It reliably protects
solder joints, terminals and connectors from most industrial
fluids, solvents and chemicals.
Technical Data
Product Dimensions
HEAT SHRINK THIN WALL TUBING
Qualtek Electronics
Property
a
t
a
D
l
a
c
i
p
y
T
d
o
h
t
e
M
t
s
e
T
14
Operating Temperature
Tensile Strength
Elongation at Break
Elongation at Break After Aging
Heat Shock
Cold Bend
Volume Resistance
Copper Corrosion
Copper Stability
Flammability
-55°C to +150°C
> 30 MPa
> 150%
> 100%
No cracking
No cracking
> 10
.cm
No corrosion
No sign of degradation
Pass
IEC 216
ASTM D 2671
ASTM D 2671
180°C, 168 hrs.
250°C, 4 hrs.
-55°C, 4 hrs.
IEC 93
180°C, 168 hrs.
180°C, 168 hrs.
VW-1
Size
As Supplied
(mm)
Inch
mm
Standard
Packaging
1.2
1.6
2.4
3.2
4.8
6.4
9.5
12.7
19.1
25.4
38.1
3/64
1/16
3/32
1/8
3/16
1/4
3/8
1/2
3/4
1
1 1/2
1.2
1.6
2.4
3.2
4.8
6.4
9.5
12.7
19.1
25.4
38.1
0.6
0.8
1.2
1.6
2.4
3.2
4.8
6.4
9.5
12.7
19.0
After Recovered
(mm)
200
200
200
100
100
100
50
50
50
50
30
Standard
Spool
*(SS)
(Meter)
Tubing
Shape
Round
Round
Round
Round
Round
Round
Flat
Flat
Flat
Flat
Flat
0.26
0.26
0.26
0.26
0.26
0.26
0.30
0.30
0.41
0.41
0.51
Cut to
Length Pcs.
*(QB)
Qty per bag
32
28
24
20
16
12
8
4
2
1
1
6”
48”
25
25
25
25
25
25
25
5
5
5
5
Inside Diameter
(min.)
Inside Diameter
(max.)
Wall Thickness
(nom.)
Operating temperature: -55°C to +150°C
Minimum shrink temperature: 135°C
Full recovery temperature: 150°C
Approval:
File No. E245010
Meets: SAE-AMS-DTL-23053/18
Standard colors: Black, Clear
RoHS Compliant
ISO-9001 Company
www.qualtekusa.com
Q150K-200C
Notes:
1.
* See Part Number Guide for standard packaging codes.
2.
Special sizes, packaging, colors and cut pieces are available upon request.


Similar Part No. - Q-150K

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q-150K QUALTEK-Q-150K Datasheet
758Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results

Similar Description - Q-150K

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
   HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-3X QUALTEK-Q2-3X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K_13 Datasheet
596Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF_13 Datasheet
820Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F QUALTEK-Q2-F_13 Datasheet
699Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com