Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-0311-D Datasheet(PDF) 3 Page - Schurter Inc.

Part # R-0311-D
Description  Power Cord with IEC Connector C13, Angled
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

R-0311-D Datasheet(HTML) 3 Page - Schurter Inc.

  R-0311-D Datasheet HTML 1Page - Schurter Inc. R-0311-D Datasheet HTML 2Page - Schurter Inc. R-0311-D Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Cord Sets
03
www.schurter.com/pg07_2
Connectors
Category / Description
Plug Overview complete
IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm
4732
IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm
4733
IEC Plug E, Cord Connector (Rewireable), Straight, max. Cable Diameter 10 mm
4735
IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm
4736
IEC Plug E, Cord Connector (Rewireable), Straight
9009
Plug further types to 0311
...
Power Entry Module Overview complete
IEC Appliance Inlet C14 or C18 with Fuseholder 1-pole
1062
IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
1064
IEC Appliance Inlet C18 with Fuseholder 1-pole
1065
IEC Appliance Inlet C18 with Fuseholder 1- or 2-pole
1066
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1092
Power Entry Module further types to 0311
...
Power Entry Module with line filter Overview complete
IEC Appliance Inlet C14 with Filter
5110
IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
5145
IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole
5200
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
5220
IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole
8843-8
Power Entry Module with line filter further types to 0311
...
The specifications, descriptions and illustrations indicated in this document are based on
current information. All content is subject to modifications and amendments.


Similar Part No. - R-0311-D

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
R-0301-D SCHURTER-R-0301-D Datasheet
265Kb / 2P
   Power Cord with IEC Connector C17, Angled
More results

Similar Description - R-0311-D

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3011 SCHURTER-3011 Datasheet
379Kb / 3P
   Power Cord with IEC Connector C13, Angled
3013 SCHURTER-3013 Datasheet
412Kb / 3P
   Power Cord with IEC Connector C13, Angled
3012 SCHURTER-3012 Datasheet
385Kb / 3P
   Power Cord with IEC Connector C13, Angled
311L SCHURTER-311L Datasheet
384Kb / 3P
   Power Cord with IEC Connector C13, Angled
6000.0224 SCHURTER-6000.0224_18 Datasheet
301Kb / 3P
   Power Supply Cord with IEC Connector C13 angled, stripped end
6000.0224 SCHURTER-6000.0224_V01 Datasheet
320Kb / 3P
   Power Supply Cord with IEC Connector C13 angled, stripped end
3020 SCHURTER-3020 Datasheet
371Kb / 3P
   Power Cord with IEC Connector C13
6051.2188 SCHURTER-6051.2188 Datasheet
341Kb / 3P
   UK Power Supply Cord with IEC Connector C13, V-Lock, angled
6051.2008 SCHURTER-6051.2008 Datasheet
341Kb / 3P
   UK Power Supply Cord with IEC Connector C13, V-Lock, angled
6051.2068 SCHURTER-6051.2068 Datasheet
281Kb / 3P
   UK Power Supply Cord with IEC Connector C13, V-Lock, angled
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com