Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647ZUT9 Datasheet(PDF) 158 Page - Texas Instruments

Part # TMS320DM647ZUT9
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647ZUT9 Datasheet(HTML) 158 Page - Texas Instruments

Back Button TMS320DM647ZUT9 Datasheet HTML 154Page - Texas Instruments TMS320DM647ZUT9 Datasheet HTML 155Page - Texas Instruments TMS320DM647ZUT9 Datasheet HTML 156Page - Texas Instruments TMS320DM647ZUT9 Datasheet HTML 157Page - Texas Instruments TMS320DM647ZUT9 Datasheet HTML 158Page - Texas Instruments TMS320DM647ZUT9 Datasheet HTML 159Page - Texas Instruments TMS320DM647ZUT9 Datasheet HTML 160Page - Texas Instruments TMS320DM647ZUT9 Datasheet HTML 161Page - Texas Instruments TMS320DM647ZUT9 Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 181 page
background image
TMS320DM647
TMS320DM648
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
www.ti.com
•
Parallel-to-serial converter
•
Serial-to-parallel converter
•
Integrated receiver and transmitter termination
•
Configuration logic
•
802.3 auto-negotiation functionality (as defined in Clause 37 of the IEEE Specification 802.3)
The SGMII receive interface converts the encoded receive signals from the differential receive input
terminals (SGMII0RXN: SGMII0RXP, SGMII1RXN: SGMII1RXP) into the required GMAC GMII signals.
The SGMII transmit interface converts the GMAC GMII data into the required encoded differential transmit
output terminals (SGMII0TXN: SGMII0TXP, SGMII1TXN: SGMII1TXP). The GMAC does not source the
transmit error signal. Any transmit frame from the GMAC with an error (ie., underrun) will be indicated as
an error by an error CRC.
NOTE
SGMII1 is pinned out only in the DM648 device. The DM647 device has only one SGMII
port (SGMII0).
6.19.3 Peripheral Register Description(s)
Table 6-77 through Table 6-80 list the registers.
Table 6-77. Ethernet Switch Registers
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x02D0 3000
CPSW_ID_VER
CPSW Identification and Version Register
0x02D0 3004
CPSW_CONTROL
CPSW Switch Control Register
0x02D0 3008
CPSW_SOFT_RESET
CPSW Soft Reset Register
0x02D0 300C
CPSW_STAT_PORT_EN
CPSW Statistics Port Enable Register
0x02D0 3010
CPSW_PTYPE
CPSW Transmit Priority Type Register
0x02D0 3014
P0_MAX_BLKS
CPSW Port 0 Maximum FIFO blocks Register
0x02D0 3018
P0_BLK_CNT
CPSW Port 0 FIFO Block Usage Count Register (read only)
0x02D0 301C
P0_FLOW_THRESH
CPSW Port 0 Flow Control Threshold Register
0x02D0 3020
P0_PORT_VLAN
CPSW Port 0 VLAN Register
0x02D0 3024
P0_TX_PRI_MAP
CPSW Port 0 Tx Header Pri to Switch Pri Mapping Register
0x02D0 3028
GMAC0_GAP_THRESH
CPSW GMAC0 Short Gap Threshold Register
0x02D0 302C
GMAC0_SA_LO
CPSW GMAC0 Source Address Low Register
0x02D0 3030
GMAC0_SA_HI
CPSW GMAC0 Source Address High Register
0x02D0 3034
P1_MAX_BLKS
CPSW Port 1 Maximum FIFO blocks Register
0x02D0 3038
P1_BLK_CNT
CPSW Port 1 FIFO Block Usage Count Register (read only)
0x02D0 303C
P1_FLOW_THRESH
CPSW Port 1 Flow Control Threshold Register
0x02D0 3040
P1_PORT_VLAN
CPSW Port 1 VLAN Register
0x02D0 3044
P1_TX_PRI_MAP
CPSW Port 1 Tx Header Priority to Switch Pri Mapping
Register
0x02D0 3048
GMAC1_GAP_THRESH
CPSW GMAC1 Short Gap Threshold Register
0x02D0 304C
GMAC1_SA_LO
CPSW GMAC1 Source Address Low Register
0x02D0 3050
GMAC1_SA_HI
CPSW GMAC1 Source Address High Register
0x02D0 3054
P2_MAX_BLKS
CPSW Port 2 Maximum FIFO blocks Register
0x02D0 3058
P2_BLK_CNT
CPSW Port 2 FIFO Block Usage Count Register (read only)
0x02D0 305C
P2_FLOW_THRESH
CPSW Port 2 Flow Control Threshold Register
0x02D0 3060
P2_PORT_VLAN
CPSW Port 2 VLAN Register
0x02D0 3064
P2_TX_PRI_MAP
CPSW Port 2 Tx (CPDMA Rx) Header Priority to Switch Pri
Mapping Register
158
Peripheral Information and Electrical Specifications
Copyright © 2010–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com