Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647ZUT9 Datasheet(PDF) 178 Page - Texas Instruments

Part # TMS320DM647ZUT9
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647ZUT9 Datasheet(HTML) 178 Page - Texas Instruments

Back Button TMS320DM647ZUT9 Datasheet HTML 173Page - Texas Instruments TMS320DM647ZUT9 Datasheet HTML 174Page - Texas Instruments TMS320DM647ZUT9 Datasheet HTML 175Page - Texas Instruments TMS320DM647ZUT9 Datasheet HTML 176Page - Texas Instruments TMS320DM647ZUT9 Datasheet HTML 177Page - Texas Instruments TMS320DM647ZUT9 Datasheet HTML 178Page - Texas Instruments TMS320DM647ZUT9 Datasheet HTML 179Page - Texas Instruments TMS320DM647ZUT9 Datasheet HTML 180Page - Texas Instruments TMS320DM647ZUT9 Datasheet HTML 181Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 178 / 181 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TMS320DM647ZUT1
ACTIVE
FCBGA
ZUT
529
84
Pb-Free (RoHS
Exempt)
Call TI
Level-4-245C-72HR
TMS320DM647ZUT7
ACTIVE
FCBGA
ZUT
529
84
Pb-Free (RoHS
Exempt)
Call TI
Level-4-245C-72HR
TMS320DM647ZUT9
ACTIVE
FCBGA
ZUT
529
84
Pb-Free (RoHS
Exempt)
SNAGCU
Level-4-245C-72HR
TMS320DM647ZUTA8
ACTIVE
FCBGA
ZUT
529
84
Pb-Free (RoHS
Exempt)
Call TI
Level-4-245C-72HR
TMS320DM647ZUTD7
ACTIVE
FCBGA
ZUT
529
84
Pb-Free (RoHS
Exempt)
Call TI
Level-4-245C-72HR
TMS320DM647ZUTD9
ACTIVE
FCBGA
ZUT
529
TBD
Call TI
Call TI
TMS320DM648ZUT1
ACTIVE
FCBGA
ZUT
529
84
Pb-Free (RoHS
Exempt)
Call TI
Level-4-245C-72HR
TMS320DM648ZUT7
ACTIVE
FCBGA
ZUT
529
84
Pb-Free (RoHS
Exempt)
Call TI
Level-4-245C-72HR
TMS320DM648ZUT9
ACTIVE
FCBGA
ZUT
529
84
Pb-Free (RoHS
Exempt)
Call TI
Level-4-245C-72HR
TMS320DM648ZUTA8
ACTIVE
FCBGA
ZUT
529
84
Pb-Free (RoHS
Exempt)
Call TI
Level-4-245C-72HR
TMS320DM648ZUTD7
ACTIVE
FCBGA
ZUT
529
84
Pb-Free (RoHS
Exempt)
Call TI
Level-4-245C-72HR
TMS320DM648ZUTD9
ACTIVE
FCBGA
ZUT
529
1
Pb-Free (RoHS
Exempt)
Call TI
Level-4-245C-72HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
PACKAGE OPTION ADDENDUM
www.ti.com
16-Apr-2010
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com