Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 208 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 208 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 204Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 205Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 206Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 207Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 208Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 209Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 210Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 211Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 212Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 208
Preliminary
 2010 Microchip Technology Inc.
23.4
PWM (Enhanced Mode)
The enhanced PWM mode generates a Pulse-Width
Modulation (PWM) signal on up to four different output
pins with up to 10 bits of resolution. The period, duty
cycle, and resolution are controlled by the following
registers:
• PR2 registers
• T2CON registers
• CCPR1L registers
• CCP1CON registers
The ECCP modules have the following additional PWM
registers which control Auto-shutdown, Auto-restart,
Dead-band Delay and PWM Steering modes:
• CCP1AS registers
• PSTR1CON registers
• PWM1CON registers
The enhanced PWM module can generate the following
four PWM Output modes:
• Single PWM
• Half-Bridge PWM
• Full-Bridge PWM (PIC16F/LF1823 only)
• Single PWM with PWM Steering Mode
To select an Enhanced PWM Output mode, the P1M bits
of the CCP1CON register must be configured
appropriately.
The PWM outputs are multiplexed with I/O pins and are
designated P1A, P1B, P1C and P1D. The polarity of the
PWM pins is configurable and is selected by setting the
bits
CCP1M<3:0>
in
the
CCP1CON
register
appropriately.
Figure 23-5 shows an example of a simplified block
diagram of the Enhanced PWM module.
Table 23-8 shows the pin assignments for various
Enhanced PWM modes.
FIGURE 23-5:
EXAMPLE SIMPLIFIED BLOCK DIAGRAM OF THE ENHANCED PWM MODE
Note 1: The corresponding TRIS bit must be
cleared to enable the PWM output on the
CCP1 pin.
2: Clearing the CCP1CON register will
relinquish control of the CCP1 pin.
3: Any pin not used in the enhanced PWM
mode is available for alternate pin
functions, if applicable.
4: To
prevent
the
generation
of
an
incomplete waveform when the PWM is
first enabled, the ECCP module waits
until the start of a new PWM period before
generating a PWM signal.
CCPR1L
CCPR1H (Slave)
Comparator
TMR2
Comparator
PR2
(1)
RQ
S
Duty Cycle Registers
DC1B<1:0>
Clear Timer,
toggle PWM pin and
latch duty cycle
Note 1:
The 8-bit timer TMR1 register is concatenated with the 2-bit internal Q clock, or 2 bits of the prescaler to create the 10-bit time
base.
2:
PIC16F/LF1823 only.
TRISx
CCP1/P1A
TRISx
P1B
TRISx
P1C(2)
TRISx
P1D(2)
Output
Controller
P1M<1:0>
2
CCP1M<3:0>
4
PWM1CON
CCP1/P1A
P1B
P1C(2)
P1D(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com