Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 249 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 249 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 245Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 246Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 247Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 248Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 249Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 250Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 251Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 252Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 253Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 249
PIC12F/LF1822/16F/LF1823
24.5.3.3
7-bit Transmission with Address
Hold Enabled
Setting the AHEN bit of the SSP1CON3 register
enables additional clock stretching and interrupt gen-
eration after the 8th falling edge of a received match-
ing address. Once a matching address has been
clocked in, CKP is cleared and the SSP1IF interrupt is
set.
Figure 24-18 displays a standard waveform of a 7-bit
Address Slave Transmission with AHEN enabled.
1.
Bus starts Idle.
2.
Master sends Start condition; the S bit of
SSP1STAT is set; SSP1IF is set if inter-
rupt-on-Start detect is enabled.
3.
Master sends matching address with R/W bit
set. After the 8th falling edge of the SCL line the
CKP bit is cleared and SSP1IF interrupt is gen-
erated.
4.
Slave software clears SSP1IF.
5.
Slave software reads ACKTIM bit of SSP1CON3
register, and R/W and D/A of the SSP1STAT
register to determine the source of the interrupt.
6.
Slave reads the address value from the
SSP1BUF register clearing the BF bit.
7.
Slave software decides from this information if it
wishes to ACK or not ACK and sets ACKDT bit
of the SSP1CON2 register accordingly.
8.
Slave sets the CKP bit releasing SCL.
9.
Master clocks in the ACK value from the slave.
10. Slave hardware automatically clears the CKP bit
and sets SSP1IF after the ACK if the R/W bit is
set.
11. Slave software clears SSP1IF.
12. Slave loads value to transmit to the master into
SSP1BUF setting the BF bit.
13. Slave sets CKP bit releasing the clock.
14. Master clocks out the data from the slave and
sends an ACK value on the 9th SCL pulse.
15. Slave hardware copies the ACK value into the
ACKSTAT bit of the SSP1CON2 register.
16. Steps 10-15 are repeated for each byte transmit-
ted to the master from the slave.
17. If the master sends a not ACK the slave
releases the bus, allowing the master to send a
Stop and end the communication.
Note: SSP1BUF cannot be loaded until after the
ACK.
Note: Master must send a not ACK on the last byte
to ensure that the slave releases the SCL
line to receive a Stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com