Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 266 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 266 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 262Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 263Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 264Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 265Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 266Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 267Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 268Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 269Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 270Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 266
Preliminary
 2010 Microchip Technology Inc.
FIGURE 24-31:
STOP CONDITION RECEIVE OR TRANSMIT MODE
24.6.10
SLEEP OPERATION
While in Sleep mode, the I2C slave module can receive
addresses or data and when an address match or
complete byte transfer occurs, wake the processor
from Sleep (if the MSSP1 interrupt is enabled).
24.6.11
EFFECTS OF A RESET
A Reset disables the MSSP1 module and terminates
the current transfer.
24.6.12
MULTI-MASTER MODE
In Multi-Master mode, the interrupt generation on the
detection of the Start and Stop conditions allows the
determination of when the bus is free. The Stop (P) and
Start (S) bits are cleared from a Reset or when the
MSSP1 module is disabled. Control of the I2C bus may
be taken when the P bit of the SSP1STAT register is
set, or the bus is Idle, with both the S and P bits clear.
When the bus is busy, enabling the SSP interrupt will
generate the interrupt when the Stop condition occurs.
In multi-master operation, the SDA line must be
monitored for arbitration to see if the signal level is the
expected output level. This check is performed by
hardware with the result placed in the BCL1IF bit.
The states where arbitration can be lost are:
• Address Transfer
• Data Transfer
• A Start Condition
• A Repeated Start Condition
• An Acknowledge Condition
24.6.13
MULTI -MASTER COMMUNICATION,
BUS COLLISION AND BUS
ARBITRATION
Multi-Master mode support is achieved by bus arbitra-
tion. When the master outputs address/data bits onto
the SDA pin, arbitration takes place when the master
outputs a ‘1’ on SDA, by letting SDA float high and
another master asserts a ‘0’. When the SCL pin floats
high, data should be stable. If the expected data on
SDA is a ‘1’ and the data sampled on the SDA pin is ‘0’,
then a bus collision has taken place. The master will set
the Bus Collision Interrupt Flag, BCL1IF, and reset the
I2C port to its Idle state (Figure 24-31).
If a transmit was in progress when the bus collision
occurred, the transmission is halted, the BF flag is
cleared, the SDA and SCL lines are deasserted and the
SSP1BUF can be written to. When the user services
the bus collision Interrupt Service Routine and if the I2C
bus is free, the user can resume communication by
asserting a Start condition.
If a Start, Repeated Start, Stop or Acknowledge condi-
tion was in progress when the bus collision occurred, the
condition is aborted, the SDA and SCL lines are deas-
serted and the respective control bits in the SSP1CON2
register are cleared. When the user services the bus col-
lision Interrupt Service Routine and if the I2C bus is free,
the user can resume communication by asserting a Start
condition.
The master will continue to monitor the SDA and SCL
pins. If a Stop condition occurs, the SSP1IF bit will be set.
A write to the SSP1BUF will start the transmission of
data at the first data bit, regardless of where the
transmitter left off when the bus collision occurred.
In Multi-Master mode, the interrupt generation on the
detection of Start and Stop conditions allows the deter-
mination of when the bus is free. Control of the I2C bus
can be taken when the P bit is set in the SSP1STAT
register, or the bus is Idle and the S and P bits are
cleared.
SCL
SDA
SDA asserted low before rising edge of clock
Write to SSP1CON2,
set PEN
Falling edge of
SCL = 1 for TBRG, followed by SDA = 1 for TBRG
9th clock
SCL brought high after TBRG
Note: TBRG = one Baud Rate Generator period.
TBRG
TBRG
after SDA sampled high. P bit (SSP1STAT<4>) is set.
TBRG
to setup Stop condition
ACK
P
TBRG
PEN bit (SSP1CON2<2>) is cleared by
hardware and the SSP1IF bit is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com