Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 364 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 364 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 360Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 361Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 362Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 363Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 364Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 365Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 366Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 367Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 368Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 364
Preliminary
 2010 Microchip Technology Inc.
TABLE 29-17: CAP SENSE OSCILLATOR SPECIFICATIONS
FIGURE 29-22:
CAP SENSE OSCILLATOR
Param.
No.
Symbol
Characteristic
Min.
Typ†
Max.
Units
Conditions
CS01
ISRC
Current Source
High
-3
-8
-15
A
Medium
-0.8
-1.5
-3
A
Low
-0.1
-0.3
-0.4
A
CS02
ISNK
Current Sink
High
2.5
7.5
14
A
Medium
0.6
1.5
2.9
A
Low
0.1
0.25
0.6
A
CS03
VCTH
Cap Threshold
—
0.8
—
mV
CS04
VCTL
Cap Threshold
—
0.4
—
mV
CS05
VCHYST CAP HYSTERESIS
(VCTH - VCTL)
High
350
525
725
mV
Medium
250
375
500
mV
Low
175
300
425
mV
* These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
ISRC
VCTH
VCTL
ISNK
Enabled
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com