Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 130Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 131Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 132Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 133Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 134Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 135Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 136Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 137Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 134
Preliminary
 2010 Microchip Technology Inc.
15.1
ADC Configuration
When configuring and using the ADC the following
functions must be considered:
• Port configuration
• Channel selection
• ADC voltage reference selection
• ADC conversion clock source
• Interrupt control
• Result formatting
15.1.1
PORT CONFIGURATION
The ADC can be used to convert both analog and
digital signals. When converting analog signals, the I/O
pin should be configured for analog by setting the
associated
TRIS
and
ANSEL
bits.
Refer
to
Section 12.0 “I/O Ports” for more information.
15.1.2
CHANNEL SELECTION
There are up to 10 channel selections available:
• AN<3:0> pins (PIC12F/LF1822 only)
• AN<7:0> pins (PIC16F/LF1823 only)
• DAC Output
• FVR (Fixed Voltage Reference) Output
Refer to Section 16.0 “Digital-to-Analog Converter
(DAC) Module” and Section 14.0 “Fixed Voltage
Reference (FVR)” for more information on these chan-
nel selections.
The CHS bits of the ADCON0 register determine which
channel is connected to the sample and hold circuit.
When changing channels, a delay is required before
starting the next conversion. Refer to Section 15.2
“ADC Operation” for more information.
15.1.3
ADC VOLTAGE REFERENCE
The ADPREF bits of the ADCON1 register provides
control of the positive voltage reference. The positive
voltage reference can be:
•VREF+ pin
•VDD
•FVR
See Section 14.0 “Fixed Voltage Reference (FVR)”
for more details on the fixed voltage reference.
15.1.4
CONVERSION CLOCK
The source of the conversion clock is software select-
able via the ADCS bits of the ADCON1 register. There
are seven possible clock options:
•FOSC/2
•FOSC/4
•FOSC/8
•FOSC/16
•FOSC/32
•FOSC/64
•FRC (dedicated internal oscillator)
The time to complete one bit conversion is defined as
TAD. One full 10-bit conversion requires 11.5 TAD peri-
ods as shown in Figure 15-2.
For correct conversion, the appropriate TAD specifica-
tion must be met. Refer to the A/D conversion require-
ments in Section 29.0 “Electrical Specifications” for
more information. Table 15-1 gives examples of appro-
priate ADC clock selections.
Note:
Analog voltages on any pin that is defined
as a digital input may cause the input buf-
fer to conduct excess current.
Note:
Unless using the FRC, any changes in the
system clock frequency will change the
ADC
clock
frequency,
which
may
adversely affect the ADC result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com