Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 197 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 197 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 193Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 194Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 195Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 196Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 197Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 198Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 199Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 200Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 197
PIC12F/LF1822/16F/LF1823
TABLE 22-1:
SUMMARY OF REGISTERS ASSOCIATED WITH DATA SIGNAL MODULATOR MODE
REGISTER 22-4:
MDCARL: MODULATION LOW CARRIER CONTROL REGISTER
R/W-x/u
R/W-x/u
R/W-x/u
U-0
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
MDCLODIS
MDCLPOL
MDCLSYNC
—
MDCL<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
MDCLODIS: Modulator Low Carrier Output Disable bit
1 = Output signal driving the peripheral output pin (selected by MDCL<3:0> of the MDCARL register)
is disabled
0 = Output signal driving the peripheral output pin (selected by MDCL<3:0> of the MDCARL register)
is enabled
bit 6
MDCLPOL: Modulator Low Carrier Polarity Select bit
1 = Selected low carrier signal is inverted
0 = Selected low carrier signal is not inverted
bit 5
MDCLSYNC: Modulator Low Carrier Synchronization Enable bit
1 = Modulator waits for a falling edge on the low time carrier signal before allowing a switch to the high
time carrier
0 = Modulator Output is not synchronized to the low time carrier signal(1)
bit 4
Unimplemented: Read as ‘0’
bit 3-0
MDCL<3:0> Modulator Data High Carrier Selection bits (1)
1111 = Reserved. No channel connected.
•
•
•
0101 = Reserved. No channel connected.
0100 = CCP1 output (PWM Output mode only)
0011 = Reference Clock module signal
0010 = Reserved. No channel connected.
0001 = MDCIN1 port pin
0000 =VSS
Note 1:
Narrowed carrier pulse widths or spurs may occur in the signal stream if the carrier is not synchronized.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
MDCARH
MDCHODIS
MDCHPOL
MDCHSYNC
—
MDCH<3:0>
196
MDCARL
MDCLODIS
MDCLPOL
MDCLSYNC
—
MDCL<3:0>
197
MDCON
MDEN
MDOE
MDSLR
MDOPOL
MDOUT
—
—
MDBIT
194
MDSRC
MDMSODIS
—
—
—
MDMS<3:0>
195
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used in the Data Signal Modulator mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com