Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F722AT-E/ML Datasheet(PDF) 204 Page - Microchip Technology

Part # PIC16F722AT-E/ML
Description  28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722AT-E/ML Datasheet(HTML) 204 Page - Microchip Technology

Back Button PIC16F722AT-E/ML Datasheet HTML 200Page - Microchip Technology PIC16F722AT-E/ML Datasheet HTML 201Page - Microchip Technology PIC16F722AT-E/ML Datasheet HTML 202Page - Microchip Technology PIC16F722AT-E/ML Datasheet HTML 203Page - Microchip Technology PIC16F722AT-E/ML Datasheet HTML 204Page - Microchip Technology PIC16F722AT-E/ML Datasheet HTML 205Page - Microchip Technology PIC16F722AT-E/ML Datasheet HTML 206Page - Microchip Technology PIC16F722AT-E/ML Datasheet HTML 207Page - Microchip Technology PIC16F722AT-E/ML Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 284 page
background image
PIC16F/LF722A/723A
DS41417A-page 204
 2010 Microchip Technology Inc.
23.3
DC Characteristics: PIC16F/LF722A/723A-I/E (Power-Down)
PIC16LF722A/723A
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F722A/723A
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device Characteristics
Min.
Typ†
Max.
+85°C
Max.
+125°C
Units
Conditions
VDD
Note
Power-down Base Current (IPD)(2)
D020
—
0.02
0.7
3.9
A
1.8
WDT, BOR, FVR, and T1OSC
disabled, all Peripherals Inactive
—
0.08
1.0
4.3
A3.0
D020
—
4.3
10.2
17
A
1.8
WDT, BOR, FVR, and T1OSC
disabled, all Peripherals Inactive
—
5
10.5
18
A
3.0
—
5.5
11.8
21
A
5.0
D021
—
0.5
1.7
4.1
A
1.8
LPWDT Current (Note 1)
—
0.8
2.5
4.8
A3.0
D021
—
6
13.5
16.4
A
1.8
LPWDT Current (Note 1)
—
6.5
14.5
16.8
A
3.0
—
7.5
16
18.7
A
5.0
D021A
—
8.5
14
19
A
1.8
FVR current (Note 1. Note 3)
—
8.5
14
20
A3.0
D021A
—
23
44
48
A
1.8
FVR current (Note 1, Note 3,
Note 5)
—
25
45
55
A
3.0
—
26
60
70
A
5.0
D022
—
—
—
—
A
1.8
BOR Current (Note 1, Note 3)
—
7.5
12
22
A3.0
D022
—
—
—
—
A
1.8
BOR Current (Note 1, Note 3,
Note 5)
—
23
42
49
A
3.0
—
25
46
50
A
5.0
D026
—
0.6
2
—
A
1.8
T1OSC Current (Note 1)
—1.8
3.0
—
A3.0
D026
—
4.5
11.1
—
A
1.8
T1OSC Current (Note 1)
—
6
12.5
—
A
3.0
—
7
13.5
—
A
5.0
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this peripheral is
enabled. The peripheral
 current can be determined by subtracting the base IDD or IPD current from this limit. Max
values should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.
3:
Fixed Voltage Reference is automatically enabled whenever the BOR is enabled.
4:
A/D oscillator source is FRC.
5:
0.1
F capacitor on VCAP (RA0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com