Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/ML Datasheet(PDF) 417 Page - Microchip Technology

Part # PIC18F23K20-E/ML
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/ML Datasheet(HTML) 417 Page - Microchip Technology

Back Button PIC18F23K20-E/ML Datasheet HTML 413Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 414Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 415Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 416Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 417Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 418Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 419Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 420Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 421Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 456 page
background image
 2010 Microchip Technology Inc.
DS41303G-page 417
PIC18F2XK20/4XK20
FIGURE 27-29:
PIC18F4XK20/PIC18F2XK20 COMPARATOR OFFSET (LOW POWER, VDD = 1.8V)
FIGURE 27-30:
PIC18F4XK20/PIC18F2XK20 COMPARATOR OFFSET (LOW POWER, VDD = 3.6V)
0
10
20
30
40
50
60
70
0.00.2
0.4
0.6
0.81.0
1.21.4
1.61.8
VREF (V)
Typical
125
°C
3 si
gm
a
85°C 3 sigma
25°C 3 sigma
-40°C 3 sigma
0
10
20
30
40
50
60
70
0.0
0.4
0.81.2
1.62.0
2.42.8
3.23.6
VREF (V)
Typical
25
°C
3 s
igm
a
-40°C 3 sigma



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com