Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SP Datasheet(PDF) 376 Page - Microchip Technology

Part # PIC18F23K20-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SP Datasheet(HTML) 376 Page - Microchip Technology

Back Button PIC18F23K20-E/SP Datasheet HTML 372Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 373Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 374Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 375Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 376Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 377Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 378Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 379Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 380Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 456 page
background image
PIC18F2XK20/4XK20
DS41303G-page 376
 2010 Microchip Technology Inc.
26.8
DC Characteristics: Peripheral Supply Current, PIC18F2XK20/4XK20
PIC18F2XK20/4XK20
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Device Characteristics
Typ
Max
Unit
s
Conditions
Module Differential Currents
D024
(
IWDT)
Watchdog Timer
0.7
2.0
A
-40°C to +125°C
VDD = 1.8V
1.1
3.0
A
-40°C to +125°C
VDD = 3.0V
D024A
(
IBOR)
Brown-out Reset(2)
21
50
A-40C to +125CVDD = 2.0V
25
60
A-40C to +125CVDD = 3.3V
0
—
A-40C to +125CVDD = 3.3V
Sleep mode,
BOREN<1:0> = 10
D024B
(
IHLVD)
High/Low-Voltage Detect(2)
13
30
A-40C to +125CVDD = 1.8-3.0V
D025
(
IOSCB)
LP
Timer1 Oscillator
0.5
2.0
A-40C
VDD = 1.8V
32 kHz on Timer1(1)
0.5
2.0
A+25C
0.7
2.0
A+85C
0.7
3.0
A-40C
VDD = 3.0V
32 kHz on Timer1(1)
0.7
3.0
A+25C
0.9
3.0
A+85C
D025A
(
IOSCB)
HP
Timer1 Oscillator
11
30
A-40C
VDD = 1.8V
32 kHz on Timer1(3)
13
33
A+25C
15
35
A+85C
14
33
A-40C
VDD = 3.0V
32 kHz on Timer1(3)
17
37
A+25C
19
40
A+85C
D026
(
IAD)
A/D Converter(4)
200
290
A-40C to +125CVDD = 1.8V
A/D on, not converting
260
425
A-40C to +125CVDD = 3.0V
IFRC
25
A-40C to +125CVDD = 1.8V
Adder for FRC
11
18
A-40C to +125CVDD = 3.0V
D027
Comparators
515
A-40C to +125CVDD = 1.8-3.0V
LP mode
(
ICOMP)
40
90
A-40C to +125CVDD = 1.8-3.0V
HP mode
D028
CVREF
18
40
A-40C to +125CVDD = 1.8V
(
ICVREF)
32
60
A-40C to +125CVDD = 3.0V
Note 1:
Low-Power mode on T1 osc. Low-Power mode is limited to 85°C.
2:
BOR and HLVD enable internal band gap reference. With both modules enabled, current consumption will be
less than the sum of both specifications.
3:
High-Power mode in T1 osc.
4:
A/D converter differential currents apply only in RUN mode. In SLEEP or IDLE mode both the ADC and the FRC
turn off as soon as conversion (if any) is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com