Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F722-E/ML Datasheet(PDF) 215 Page - Microchip Technology

Part # PIC16F722-E/ML
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/ML Datasheet(HTML) 215 Page - Microchip Technology

Back Button PIC16F722-E/ML Datasheet HTML 211Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 212Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 213Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 214Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 215Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 216Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 217Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 218Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 215
PIC16F72X/PIC16LF72X
Supply Current (IDD)(1, 2)
D014
—
290
330
μA1.8
FOSC = 4 MHz
EC Oscillator mode
—
460
500
μA3.0
D014
—
300
430
μA
1.8
FOSC = 4 MHz
EC Oscillator mode (Note 5)
—
450
655
μA
3.0
—
500
730
μA
5.0
D015
—
100
130
μA1.8
FOSC = 500 kHz
MFINTOSC mode
—
120
150
μA3.0
D015
—
115
195
μA
1.8
FOSC = 500 kHz
MFINTOSC mode (Note 5)
—
135
200
μA
3.0
—
150
220
μA
5.0
D016
—
650
800
μA1.8
FOSC = 8 MHz
HFINTOSC mode
—
1000
1200
μA3.0
D016
—
625
850
μA
1.8
FOSC = 8 MHz
HFINTOSC mode (Note 5)
—
1000
1200
μA
3.0
—
1100
1500
μA
5.0
D017
—
1.0
1.2
mA
1.8
FOSC = 16 MHz
HFINTOSC mode
—
1.5
1.85
mA
3.0
D017
—
1
1.2
mA
1.8
FOSC = 16 MHz
HFINTOSC mode (Note 5)
—
1.5
1.7
mA
3.0
—
1.7
2.1
mA
5.0
D018
—
210
240
μA1.8
FOSC = 4 MHz
EXTRC mode (Note 3, Note 5)
—
340
380
μA3.0
D018
—
225
320
μA
1.8
FOSC = 4 MHz
EXTRC mode (Note 3, Note 5)
—
360
445
μA
3.0
—
410
650
μA
5.0
D019
—
1.6
1.9
mA
3.0
FOSC = 20 MHz
HS Oscillator mode
—2.0
2.8
mA
3.6
D019
—
1.6
2
mA
3.0
FOSC = 20 MHz
HS Oscillator mode (Note 5)
—
1.9
3.2
mA
5.0
23.2
DC Characteristics: PIC16F72X/PIC16LF72X-I/E (Industrial, Extended) (Continued)
PIC16LF72X
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
PIC16F72X
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device
Characteristics
Min.
Typ†
Max.
Units
Conditions
VDD
Note
Note
1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave, from
rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact on the current
consumption.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be extended
by the formula IR = VDD/2REXT (mA) with REXT in k
Ω.
4:
FVR and BOR are disabled.
5:
0.1
μF capacitor on VCAP (RA0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com