Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F722-E/ML Datasheet(PDF) 265 Page - Microchip Technology

Part # PIC16F722-E/ML
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/ML Datasheet(HTML) 265 Page - Microchip Technology

Back Button PIC16F722-E/ML Datasheet HTML 261Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 262Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 263Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 264Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 265Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 266Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 267Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 268Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 269Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 265
PIC16F72X/PIC16LF72X
FIGURE 24-49:
TTL INPUT THRESHOLD VIN vs. VDD OVER TEMPERATURE
FIGURE 24-50:
SCHMITT TRIGGER INPUT THRESHOLD VIN vs. VDD OVER TEMPERATURE
Max. -40°
Typ. 25°
Min. 125°
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
1.8
3.6
5.5
Maximum: Mean + 3
σ (-40°C to 125°C)
Minimum: Mean - 3
σ (-40°C to 125°C)
VDD (V)
Typical: Mean @25°C
VIHMin. 125°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.8
3.6
5.5
VDD (V)
VIHMax. -40°C
Maximum: Mean + 3
σ (-40°C to 125°C)
Minimum: Mean - 3
σ (-40°C to 125°C)
Typical: Mean @25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com