Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F722-E/ML Datasheet(PDF) 291 Page - Microchip Technology

Part # PIC16F722-E/ML
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/ML Datasheet(HTML) 291 Page - Microchip Technology

Back Button PIC16F722-E/ML Datasheet HTML 287Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 288Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 289Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 290Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 291Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 292Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 293Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 294Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 295Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 291
PIC16F72X/PIC16LF72X
APPENDIX A:
DATA SHEET
REVISION HISTORY
Revision A
Original release.
Revision B
Electrical Specification updates; Package Drawings;
miscellaneous updates.
Revision C
Revised data sheet title; Revised Low-Power Features
section; Revised Section 6.2.2.4 RA3/AN3/VREF;
Revised Figure 16-8 Synchronous Reception.
Revision D
Removed
the
Preliminary
Label;
Updated
the
“Electrical Characteristics” section; Added charts in the
“Char. Data” section; Deleted “Based 8-Bit CMOS”
from
title;
Updated
the
“Special
Microcontroller
Features” section and the “Peripheral Features”
section; Changed the title of the “Low Power Features”
section
into
“Extreme
Low-Power
Management
PIC16LF72X with nanoWatt XLP” and updated this
section; Inserted new section – “Analog Features”
(page 1); Changed the title of the “Peripheral Features”
section into “Peripheral Highlights” and updated the
section.
Revision E
Added paragraph to section 5.0 (LDO Voltage
Regulator);
Updated the
Electrical Specifications
section (Added another absolute Maximum Rating;
Updated section 23.1 and Table 23-4); Updated the Pin
Diagrams with the UQFN package; Updated Table 1,
adding
UQFN;
Updated
section
23.5
(Thermal
Considerations); Updated the Packaging Information
section adding the UQFN Package; Updated the
Product Identification System section.
APPENDIX B:
MIGRATING FROM
OTHER PIC®
DEVICES
This discusses some of the issues in migrating from
other PIC® devices to the PIC16F72X family of
devices.
B.1
PIC16F77 to PIC16F72X
TABLE B-1:
FEATURE COMPARISON
Feature
PIC16F77
PIC16F727
Max. Operating Speed
20 MHz
20 MHz
Max. Program
Memory (Words)
8K
8K
Max. SRAM (Bytes)
368
368
A/D Resolution
8-bit
8-bit
Timers (8/16-bit)
2/1
2/1
Oscillator Modes
4
8
Brown-out Reset
Y
Y
Internal Pull-ups
RB<7:0>
RB<7:0>
Interrupt-on-change
RB<7:4>
RB<7:0>
Comparator
0
0
USART
Y
Y
Extended WDT
N
N
Software Control
Option of WDT/BOR
NN
INTOSC Frequencies
None
500 kHz -
16 MHz
Clock Switching
N
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com