Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1933-E/P Datasheet(PDF) 243 Page - Microchip Technology

Part # PIC16F1933-E/P
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/P Datasheet(HTML) 243 Page - Microchip Technology

Back Button PIC16F1933-E/P Datasheet HTML 239Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 240Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 241Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 242Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 243Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 244Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 245Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 246Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 241
PIC16F193X/LF193X
21.0
LIQUID CRYSTAL DISPLAY
(LCD) DRIVER MODULE
The Liquid Crystal Display (LCD) driver module
generates the timing control to drive a static or
multiplexed LCD panel. In the PIC16F193X/LF193X
device, the module drives the panels of up to four
commons and up to 24 segments. The LCD module
also provides control of the LCD pixel data.
The LCD driver module supports:
• Direct driving of LCD panel
• Three LCD clock sources with selectable prescaler
• Up to four common pins:
- Static (1 common)
- 1/2 multiplex (2 commons)
- 1/3 multiplex (3 commons)
- 1/4 multiplex (4 commons)
• Segment pins up to:
- 16 (PIC16F1933/1936/1938/
PIC16LF1933/1936/1938)
- 24 (PIC16F1934/1937/1939/
PIC16LF1934/1937/1939)
• Static, 1/2 or 1/3 LCD Bias
21.1
LCD Registers
The module contains the following registers:
• LCD Control register (LCDCON)
• LCD Phase register (LCDPS)
• LCD Reference Ladder register (LCDRL)
• LCD Contrast Control register (LCDCST)
• LCD Reference Voltage Control register
(LCDREF)
• Up to 3 LCD Segment Enable registers (LCDSEn)
• Up to 12 LCD data registers (LCDDATAn)
FIGURE 21-1:
LCD DRIVER MODULE BLOCK DIAGRAM
Note:
COM3 and SEG15 share the same physical
pin on the PIC16F1933/1936/1938/
PIC16LF1933/1936/1938, therefore SEG15
is not available when using 1/4 multiplex
displays.
Data Bus
SEG<23:0>(1, 3)
To I/O Pads(1)
LCDDATAx
Registers
Note
1:
These are not directly connected to the I/O pads, but may be tri-stated, depending on the configuration of
the LCD module.
2:
SEG<23:0> on PIC16F1934/1937/1939, SEG<15:0> on PIC16F1933/1936/1938/
PIC16LF1933/1936/1938.
3:
COM3 and SEG15 share the same physical pin on the PIC16F1933/1936/1938/PIC16LF1933/1936/1938,
therefore SEG15 is not available when using 1/4 multiplex displays.
COM<3:0>(3)
Clock Source
Timing Control
Select and
Prescaler
LFINTOSC
FOSC/256
T1OSC
To I/O Pads(1)
LCDCON
LCDPS
LCDSEn
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com