Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1933-E/P Datasheet(PDF) 248 Page - Microchip Technology

Part # PIC16F1933-E/P
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/P Datasheet(HTML) 248 Page - Microchip Technology

Back Button PIC16F1933-E/P Datasheet HTML 244Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 245Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 246Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 247Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 248Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 249Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 250Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 251Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 252Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 246
Preliminary
© 2008 Microchip Technology Inc.
REGISTER 21-4:
LCDCST: LCD CONTRAST CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
—
—
—
—
—
LCDCST2
LCDCST1
LCDCST0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
C = Only clearable bit
bit 7-3
Unimplemented: Read as ‘0’
bit 2-0
LCDCST<2:0>: LCD Contrast Control bits
Selects the resistance of the LCD contrast control resistor ladder
Bit Value = Resistor ladder
000
= Minimum Resistance (Maximum contrast). Resistor ladder is shorted.
001
= Resistor ladder is at 1/7th of maximum resistance
010
= Resistor ladder is at 2/7th of maximum resistance
011
= Resistor ladder is at 3/7th of maximum resistance
100
= Resistor ladder is at 4/7th of maximum resistance
101
= Resistor ladder is at 5/7th of maximum resistance
110
= Resistor ladder is at 6/7th of maximum resistance
111
= Resistor ladder is at maximum resistance (Minimum contrast).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com