Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1933-E/P Datasheet(PDF) 337 Page - Microchip Technology

Part # PIC16F1933-E/P
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/P Datasheet(HTML) 337 Page - Microchip Technology

Back Button PIC16F1933-E/P Datasheet HTML 333Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 334Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 335Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 336Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 337Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 338Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 339Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 340Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 341Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 335
PIC16F193X/LF193X
25.0
IN-CIRCUIT SERIAL
PROGRAMMING™ (ICSP™)
ICSP™ programming allows customers to manufacture
circuit boards with unprogrammed devices. Programming
can be done after the assembly process allowing the
device to be programmed with the most recent firmware
or a custom firmware. Five pins are needed for ICSP™
programming:
• ICSPCLK
• ICSPDAT
•MCLR/VPP
•VDD
•VSS
In Program/Verify mode the Program Memory, User
IDs and the Configuration Words are programmed
through serial communications. The ICSPDAT pin is a
bidirectional I/O used for transferring the serial data
and the ICSPCLK pin is the clock input. For more infor-
mation
on
ICSP™
refer
to
the
“PIC16193X/PIC16LF193X
Memory
Programming
Specification” (DS41360A)
25.1
High-voltage Programming Mode
The device is placed into high-voltage Program/Verify
mode by holding the ICSPCLK and ICSPDAT pins low
then raising the voltage on MCLR/VPP to VIHH.
25.2
Low-Voltage Programming Mode
The Low-Voltage Programming mode allows the
PIC16F193X/LF193X devices to be programmed using
VDD only, without high voltage. When the LVP bit of the
Configuration Word 2 register is set to ‘1’, the
low-voltage ICSP programming entry is enabled. To
disable the Low-Voltage ICSP mode, the LVP bit must
be programmed to ‘0’.
Entry into the Low-Voltage ICSP Program/Verify modes
requires the following steps:
1.
MCLR is brought to VIL.
2.
A
32-bit
key
sequence
is
presented
on
ICSPDAT, while clocking ICSPCLK.
Once the key sequence is complete, MCLR must be
held at VIL for as long as Program/Verify mode is to be
maintained.
FIGURE 25-1:
TYPICAL CONNECTION FOR ICSP™ PROGRAMMING
Note:
The ICD 2 produces a VPP voltage greater
than the maximum VPP specification of the
PIC16F193X/LF193X. When using this
programmer, an external circuit is required
to keep the VPP voltage within the device
specifications.
VDD
VPP
VSS
External
Device to be
Data
Clock
VDD
MCLR/VPP
VSS
ICSPDAT
ICSPCLK
*
*
*
To Normal Connections
* Isolation devices (as required).
10k
Programming
Signals
Programmed
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com