Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1933-E/P Datasheet(PDF) 362 Page - Microchip Technology

Part # PIC16F1933-E/P
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/P Datasheet(HTML) 362 Page - Microchip Technology

Back Button PIC16F1933-E/P Datasheet HTML 358Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 359Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 360Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 361Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 362Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 363Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 364Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 365Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 366Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 360
Preliminary
© 2008 Microchip Technology Inc.
28.2
DC Characteristics: PIC16F193X/LF193X-I/E (Industrial, Extended)
PIC16LF193X
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
PIC16F193X
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device
Characteristics
Min.
Typ†
Max.
Units
Conditions
VDD
Note
Supply Current (IDD)(1, 2)
D009
LDO Regulator
—
350
TBD
μA
—
HS, EC OR INTOSC/INTOSCIO (8-16 MHZ)
Clock modes with all VCAP pins disabled
—
50
TBD
μA
—
All VCAP pins disabled
—
30
TBD
μA
—
VCAP enabled on RA0, RA5 or RA6
—
5
TBD
μA
—
LP Clock mode and Sleep (requires FVR and
BOR to be disabled)
D010
—
7.0
TBD
μA1.8
FOSC = 32 kHz
LP Oscillator mode (Note 4),
-40°C
≤ TA ≤ +85°C
—9.0
TBD
μA3.0
D010
—
9.5
TBD
μA
1.8
FOSC = 32 kHz
LP Oscillator mode (Note 4),
-40°C
≤ TA ≤ +85°C
—
12.5
TBD
μA
3.0
—
13.5
TBD
μA
5.0
D011*
—
7.0
TBD
μA1.8
FOSC = 32 kHz
LP Oscillator mode
—9.0
TBD
μA3.0
D011*
—
9.5
TBD
μA
1.8
FOSC = 32 kHz
LP Oscillator mode (Note 4)
—
12.5
TBD
μA
3.0
—
13.5
TBD
μA
5.0
D011A*
—
150
TBD
μA1.8
FOSC = 1 MHz
XT Oscillator mode
—
270
TBD
μA3.0
D011A*
—
160
TBD
μA
1.8
FOSC = 1 MHz
XT Oscillator mode (Note 5)
—
280
TBD
μA
3.0
—
390
TBD
μA
5.0
D012
—
430
TBD
μA1.8
FOSC = 4 MHz
XT Oscillator mode
—
750
TBD
μA3.0
D012
—
450
TBD
μA
1.8
FOSC = 4 MHz
XT Oscillator mode (Note 5)
—
770
TBD
μA
3.0
—
930
TBD
μA
5.0
D013*
—
180
TBD
μA1.8
FOSC = 1 MHz
EC Oscillator mode
—
350
TBD
μA3.0
*
These parameters are characterized but not tested.
Legend:
TBD = To Be Determined
Note
1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave, from
rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact on the current
consumption.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be extended
by the formula IR = VDD/2REXT (mA) with REXT in k
Ω.
4:
FVR and BOR are disabled.
5:
0.1
μF capacitor on VCAP (RA0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com