Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1933-E/P Datasheet(PDF) 367 Page - Microchip Technology

Part # PIC16F1933-E/P
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/P Datasheet(HTML) 367 Page - Microchip Technology

Back Button PIC16F1933-E/P Datasheet HTML 363Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 364Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 365Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 366Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 367Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 368Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 369Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 370Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 371Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 365
PIC16F193X/LF193X
28.4
DC Characteristics: PIC16F193X/LF193X-I/E
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
VIL
Input Low Voltage
I/O PORT:
D030
with TTL buffer
—
—
0.8
V
4.5V
≤ VDD ≤ 5.5V
D030A
—
—
0.15 VDD
V1.8V
≤ VDD ≤ 4.5V
D031
with Schmitt Trigger buffer
—
—
0.2 VDD
V2.0V
≤ VDD ≤ 5.5V
with I2C™ levels
—
—
0.3 VDD
V
with SMBus™ levels
—
—
0.8
V
2.7V
≤ VDD ≤ 5.5V
D032
MCLR, OSC1 (RC mode)(1)
——
0.2 VDD
V
D033A
OSC1 (HS mode)
—
—
0.3 VDD
V
VIH
Input High Voltage
I/O ports:
—
—
D040
with TTL buffer
2.0
—
—
V
4.5V
≤ VDD ≤ 5.5V
D040A
0.25 VDD +
0.8
——
V
1.8V
≤ VDD ≤ 4.5V
D041
with Schmitt Trigger buffer
0.8 VDD
——
V
2.0V
≤ VDD ≤ 5.5V
with I2C™ levels
0.7 VDD
——
V
with SMBus™ levels
2.1
—
—
V
2.7V
≤ VDD ≤ 5.5V
D042
MCLR
0.8 VDD
——
V
D043A
OSC1 (HS mode)
0.7 VDD
——
V
D043B
OSC1 (RC mode)
0.9 VDD
——
V
(Note 1)
IIL
Input Leakage Current(2)
D060
I/O ports
—
± 5
± 5
± 100
± 1000
nA
nA
VSS
≤ VPIN ≤ VDD, Pin at high-
impedance
125°C
D061
MCLR(3)
—± 50
± 200
nA
VSS
≤ VPIN ≤ VDD
D063
OSC1
—
± 50
± 100
nA
VSS
≤ VPIN ≤ VDD, XT, HS and LP
oscillator configuration
IPUR
Weak Pull-up Current
D070*
25
25
100
140
200
300
μA
VDD = 3.3V, VPIN = VSS
VDD = 5.0V, VPIN = VSS
VOL
Output Low Voltage(4)
D080
I/O ports
——
0.6
V
IOH = 8mA, VDD = 5V
IOH = 6mA, VDD = 3.3V
IOH = 3mA, VDD = 1.8V
Legend:
TBD = To Be Determined
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended to use an external
clock in RC mode.
2: Negative current is defined as current sourced by the pin.
3: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
4: Including OSC2 in CLKOUT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com