Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1933-E/P Datasheet(PDF) 417 Page - Microchip Technology

Part # PIC16F1933-E/P
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/P Datasheet(HTML) 417 Page - Microchip Technology

Back Button PIC16F1933-E/P Datasheet HTML 410Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 411Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 412Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 413Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 414Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 415Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 416Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 417Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 418Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 417 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 415
PIC16F193X/LF193X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC16F1933, PIC16LF1933, PIC16F1933T, PIC16LF1933T(1)
PIC16F1934, PIC16LF1934, PIC16F1934T, PIC16LF1934T(1)
PIC16F1936, PIC16LF1936, PIC16F1936T, PIC16LF1936T(1)
PIC16F1937, PIC16LF1937, PIC16F1937T, PIC16LF1937T(1)
PIC16F1938, PIC16LF1938, PIC16F1938T, PIC16LF1938T(1)
PIC16F1939, PIC16LF1939, PIC16F1939T, PIC16LF1939T(1)
Temperature
Range:
I=
-40
°C to +85°C
E=
-40
°C to +125°C
Package:
ML
=
Micro Lead Frame (QFN)
P
=
Plastic DIP
PT
=
TQFP (Thin Quad Flatpack)
SO
=
SOIC
SP
=
Skinny Plastic DIP
SS
=
SSOP
Pattern:
3-Digit Pattern Code for QTP (blank otherwise)
Examples:
a)
PIC16LF1937 - I/P = Industrial temp., Plastic
DIP package, low-voltage VDD limits.
b)
PIC16F1934 - I/PT = Industrial temp., TQFP
package, standard VDD limits.
c)
PIC16F1933 - E/ML = Extended temp., QFN
package, standard VDD limits.
Note 1:
F
= Standard Voltage Range
LF = Low Voltage Range
2:
T
= In tape and reel for QFN, TQFP,
SOIC and SSOP packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com