Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F04KA201 Datasheet(PDF) 205 Page - Microchip Technology

Part # PIC24F04KA201
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 205 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 201Page - Microchip Technology PIC24F04KA201 Datasheet HTML 202Page - Microchip Technology PIC24F04KA201 Datasheet HTML 203Page - Microchip Technology PIC24F04KA201 Datasheet HTML 204Page - Microchip Technology PIC24F04KA201 Datasheet HTML 205Page - Microchip Technology PIC24F04KA201 Datasheet HTML 206Page - Microchip Technology PIC24F04KA201 Datasheet HTML 207Page - Microchip Technology PIC24F04KA201 Datasheet HTML 208Page - Microchip Technology PIC24F04KA201 Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 203
PIC24F04KA201 FAMILY
TABLE 26-26: RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
AND BROWN-OUT RESET TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 1.8V to 3.6V
(unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Symbol
Characteristic
Min.
Typ(1)
Max.
Units
Conditions
SY10
TmcL
MCLR Pulse Width (low)
2
—
—
μs
SY11
TPWRT
Power-up Timer Period
50
64
90
ms
SY12
TPOR
Power-on Reset Delay
1
5
10
μs
SY13
TIOZ
I/O High-Impedance from MCLR
Low or Watchdog Timer Reset
——
100
ns
SY20
TWDT
Watchdog Timer Time-out Period
0.85
1.0
1.15
ms
1.32 prescaler
3.4
4.0
4.6
ms
1:128 prescaler
SY25
TBOR
Brown-out Reset Pulse Width
1
—
—
μs
SY35
TFSCM
Fail-Safe Clock Monitor Delay
—
2
2.3
μs
SY45
TRST
Configuration Update Time
—
20
—
μs
TVREG
On-Chip Voltage Regulator
Output Delay
—10
—
μs
SY55
TLOCK
PLL Start-up Time
—
1
—
ms
SY65
TOST
Oscillator Start-up Time
—
1024
—
TOSC
SY75
TFRC
Fast RC Oscillator Start-up Time
—
1
1.5
μs
SY85
TLPRC
Low-Power Oscillator Start-up
Time
——
100
μs
Note 1:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com