Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F04KA201 Datasheet(PDF) 150 Page - Microchip Technology

Part # PIC24F04KA201
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 150 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 146Page - Microchip Technology PIC24F04KA201 Datasheet HTML 147Page - Microchip Technology PIC24F04KA201 Datasheet HTML 148Page - Microchip Technology PIC24F04KA201 Datasheet HTML 149Page - Microchip Technology PIC24F04KA201 Datasheet HTML 150Page - Microchip Technology PIC24F04KA201 Datasheet HTML 151Page - Microchip Technology PIC24F04KA201 Datasheet HTML 152Page - Microchip Technology PIC24F04KA201 Datasheet HTML 153Page - Microchip Technology PIC24F04KA201 Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 148
Preliminary
© 2009 Microchip Technology Inc.
-
REGISTER 19-4:
AD1CHS: A/D INPUT SELECT REGISTER
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
CH0NB
—
—
—
CH0SB3
CH0SB2
CH0SB1
CH0SB0
bit 15
bit 8
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CH0NA
—
—
CH0SA4
CH0SA3
CH0SA2
CH0SA1
CH0SA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CH0NB:
Channel 0 Negative Input Select for MUX B Multiplexer Setting bit
1
= Channel 0 negative input is AN1
0
= Channel 0 negative input is VR-
bit 14-12
Unimplemented:
Read as ‘0’
bit 11-8
CH0SB<3:0>:
Channel 0 Positive Input Select for MUX B Multiplexer Setting bits
1111
= Channel 0 positive input is band gap reference (VBG)
1110
= Channel 0 positive input is band gap, divided by two, reference (VBG/2)
1101
= No channels connected (actual ADC MUX switch activates but input floats); used for CTMU
1100
= Channel 0 positive input is AN12
1011
= Channel 0 positive input is AN11
1010
= Channel 0 positive input is AN10
1001
= Reserved
1000
= Reserved
0110
= AVDD
0110
= AVSS
0101
= Channel 0 positive input is AN5
0100
= Channel 0 positive input is AN4
0010
= Channel 0 positive input is AN3
0010
= Channel 0 positive input is AN2
0001
= Channel 0 positive input is AN1
0000
= Channel 0 positive input is AN0
bit 7
CH0NA:
Channel 0 Negative Input Select for MUX A Multiplexer Setting bit
1
= Channel 0 negative input is AN1
0
= Channel 0 negative input is VR-
bit 6-5
Unimplemented:
Read as ‘0’
bit 4-0
CH0SA<4:0>:
Channel 0 Positive Input Select for Sample A bits
1111
= Channel 0 positive input is band gap reference (VBG)
1110
= Channel 0 positive input is band gap, divided by two, reference (VBG/2)
1101
= No channels connected (actual ADC MUX switch activates but input floats); used for CTMU
1100
= Channel 0 positive input is AN12
1011
= Channel 0 positive input is AN11
1010
= Channel 0 positive input is AN10
1001
= Reserved
1000
= Reserved
0110
= AVDD
0110
= AVSS
0101
= Channel 0 positive input is AN5
0100
= Channel 0 positive input is AN4
0010
= Channel 0 positive input is AN3
0010
= Channel 0 positive input is AN2
0001
= Channel 0 positive input is AN1
0000
= Channel 0 positive input is AN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com