Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F04KA201 Datasheet(PDF) 198 Page - Microchip Technology

Part # PIC24F04KA201
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 198 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 194Page - Microchip Technology PIC24F04KA201 Datasheet HTML 195Page - Microchip Technology PIC24F04KA201 Datasheet HTML 196Page - Microchip Technology PIC24F04KA201 Datasheet HTML 197Page - Microchip Technology PIC24F04KA201 Datasheet HTML 198Page - Microchip Technology PIC24F04KA201 Datasheet HTML 199Page - Microchip Technology PIC24F04KA201 Datasheet HTML 200Page - Microchip Technology PIC24F04KA201 Datasheet HTML 201Page - Microchip Technology PIC24F04KA201 Datasheet HTML 202Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 196
Preliminary
© 2009 Microchip Technology Inc.
TABLE 26-12: COMPARATOR DC SPECIFICATIONS
TABLE 26-13: COMPARATOR VOLTAGE REFERENCE DC SPECIFICATIONS
TABLE 26-15: COMPARATOR TIMINGS
TABLE 26-16: COMPARATOR VOLTAGE REFERENCE SETTLING TIME SPECIFICATIONS
Operating Conditions:
2.0V < VDD < 3.6V, -40°C < TA < +85°C (unless otherwise stated)
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Comments
D300
VIOFF
Input Offset Voltage*
—
20
40
mV
D301
VICM
Input Common Mode Voltage*
0
—
VDD
V
D302
CMRR
Common Mode Rejection
Ratio*
55
—
—
dB
* Parameters are characterized but not tested.
Operating Conditions:
2.0V < VDD < 3.6V, -40°C < TA < +85°C (unless otherwise stated)
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Comments
VRD310 CVRES
Resolution
VDD/24
—
VDD/32
LSb
VRD311 CVRAA
Absolute Accuracy
—
—
AVDD – 1.5
LSb
VRD312 CVRUR
Unit Resistor Value (R)
—
2k
—
Ω
TABLE 26-14: CTMU CURRENT SOURCE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
IOUT1 CTMU Current Source,
Base Range
—
550
—
nA
CTMUICON<1:0> = 01
IOUT2 CTMU Current Source,
10x Range
—5.5
—
μA
CTMUICON<1:0> = 10
IOUT3 CTMU Current Source,
100x Range
—55—
μA
CTMUICON<1:0> = 11
Note 1:
Nominal value at center point of current trim range (CTMUICON<7:2> = 000000)
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Comments
300
TRESP
Response Time*(1)
—
150
400
ns
301
TMC2OV
Comparator Mode Change to
Output Valid*
——
10
μs
* Parameters are characterized but not tested.
Note 1:
Response time measured with one comparator input at (VDD – 1.5)/2, while the other input transitions from
VSS to VDD.
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Comments
VR310 TSET
Settling Time(1)
——
10
μs
Note 1:
Settling time measured while CVRR = 1 and CVR<3:0> bits transition from ‘0000’ to ‘1111’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com