Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 148 Page - Microchip Technology

Part # PIC16F616-E/ML
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/ML Datasheet(HTML) 148 Page - Microchip Technology

Back Button PIC16F616-E/ML Datasheet HTML 144Page - Microchip Technology PIC16F616-E/ML Datasheet HTML 145Page - Microchip Technology PIC16F616-E/ML Datasheet HTML 146Page - Microchip Technology PIC16F616-E/ML Datasheet HTML 147Page - Microchip Technology PIC16F616-E/ML Datasheet HTML 148Page - Microchip Technology PIC16F616-E/ML Datasheet HTML 149Page - Microchip Technology PIC16F616-E/ML Datasheet HTML 150Page - Microchip Technology PIC16F616-E/ML Datasheet HTML 151Page - Microchip Technology PIC16F616-E/ML Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 214 page
background image
PIC16F610/616/16HV610/616
DS41288F-page 148
© 2009 Microchip Technology Inc.
15.3
DC Characteristics: PIC16HV610/616-I (Industrial)
PIC16HV610/616-E (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device Characteristics
Min
Typ†
Max
Units
Conditions
VDD
Note
D010
Supply Current (IDD)(1, 2)
—
160
230
μA2.0
FOSC = 32 kHz
LP Oscillator mode
PIC16HV610/616
—
240
310
μA3.0
—280
400
μA4.5
D011*
—
270
380
μA2.0
FOSC = 1 MHz
XT Oscillator mode
—400
560
μA3.0
—520
780
μA4.5
D012
—
380
540
μA2.0
FOSC = 4 MHz
XT Oscillator mode
—575
810
μA3.0
—
0.875
1.3
mA
4.5
D013*
—
215
310
μA2.0
FOSC = 1 MHz
EC Oscillator mode
—375
565
μA3.0
—570
870
μA4.5
D014
—
330
475
μA2.0
FOSC = 4 MHz
EC Oscillator mode
—550
800
μA3.0
—
0.85
1.2
mA
4.5
D016*
—
310
435
μA2.0
FOSC = 4 MHz
INTOSC mode
—500
700
μA3.0
—
0.74
1.1
mA
4.5
D017
—
460
650
μA2.0
FOSC = 8 MHz
INTOSC mode
—
0.75
1.1
mA
3.0
—
1.2
1.6
mA
4.5
D018
—
320
465
μA2.0
FOSC = 4 MHz
EXTRC mode(3)
—510
750
μA3.0
—
0.770
1.0
mA
4.5
D019
—
2.5
3.4
mA
4.5
FOSC = 20 MHz
HS Oscillator mode
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 4.5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave,
from rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can
be extended by the formula IR = VDD/2REXT (mA) with REXT in k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com