Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC30F2011 Datasheet(PDF) 124 Page - Microchip Technology

Part # dsPIC30F2011
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC30F2011 Datasheet(HTML) 124 Page - Microchip Technology

Back Button dsPIC30F2011 Datasheet HTML 120Page - Microchip Technology dsPIC30F2011 Datasheet HTML 121Page - Microchip Technology dsPIC30F2011 Datasheet HTML 122Page - Microchip Technology dsPIC30F2011 Datasheet HTML 123Page - Microchip Technology dsPIC30F2011 Datasheet HTML 124Page - Microchip Technology dsPIC30F2011 Datasheet HTML 125Page - Microchip Technology dsPIC30F2011 Datasheet HTML 126Page - Microchip Technology dsPIC30F2011 Datasheet HTML 127Page - Microchip Technology dsPIC30F2011 Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 206 page
background image
dsPIC30F2011/2012/3012/3013
DS70139F-page 124
© 2008 Microchip Technology Inc.
17.2
Oscillator Configurations
17.2.1
INITIAL CLOCK SOURCE
SELECTION
While coming out of Power-on Reset or Brown-out
Reset, the device selects its clock source based on:
a) FOS<2:0> Configuration bits that select one of
four oscillator groups,
b) and FPR<4:0> Configuration bits that select one
of 15 oscillator choices within the primary group.
The selection is as shown in Table 17-2.
17.2.2
OSCILLATOR START-UP TIMER
(OST)
In order to ensure that a crystal oscillator (or ceramic
resonator) has started and stabilized, an Oscillator
Start-up Timer is included. It is a simple 10-bit counter
that counts 1024 TOSC cycles before releasing the
oscillator clock to the rest of the system. The time-out
period is designated as TOST.
The TOST time is involved every time the oscillator has
to restart (i.e., on POR, BOR and wake-up from Sleep).
The Oscillator Start-up Timer is applied to the LP
oscillator, XT, XTL and HS modes (upon wake-up from
Sleep, POR and BOR) for the primary oscillator.
TABLE 17-2:
CONFIGURATION BIT VALUES FOR CLOCK SELECTION
Oscillator Mode
Oscillator
Source
FOS<2:0>
FPR<4:0>
OSC2
Function
ECIO w/PLL 4x
PLL
1
1
10
1101
I/O
ECIO w/PLL 8x
PLL
1
1
10
1110
I/O
ECIO w/PLL 16x
PLL
1
1
10
1111
I/O
FRC w/PLL 4X
PLL
1
1
10
0001
I/O
FRC w/PLL 8x
PLL
1
1
10
1010
I/O
FRC w/PLL 16x
PLL
1
1
10
0011
I/O
XT w/PLL 4x
PLL
1
1
10
0101
OSC2
XT w/PLL 8x
PLL
1
1
10
0110
OSC2
XT w/PLL 16x
PLL
1
1
10
0111
OSC2
HS2 w/PLL 4x
PLL
1
1
11
0001
OSC2
HS2 w/PLL 8x
PLL
1
1
11
0010
OSC2
HS2 w/ PLL 16x
PLL
1
1
11
0011
OSC2
HS3 w/PLL 4x
PLL
1
1
11
0101
OSC2
HS3 w/PLL 8x
PLL
1
1
11
0110
OSC2
HS3 w/PLL 16x
PLL
1
1
11
0111
OSC2
ECIO
External
0
1
10
1100
I/O
XT
External
0
1
10
0100
OSC2
HS
External
0
1
10
0010
OSC2
EC
External
0
1
10
1011
CLKO
ERC
External
0
1
10
1001
CLKO
ERCIO
External
0
1
10
1000
I/O
XTL
External
0
1
10
0000
OSC2
LP
Secondary
0
0
0X
XXXX
(Note 1, 2)
FRC
Internal FRC
0
0
1X
XXXX
(Note 1, 2)
LPRC
Internal LPRC
0
1
0X
XXXX
(Note 1, 2)
Note 1: The OSC2 pin is either usable as a general purpose I/O pin or is completely unusable, depending on the
Primary Oscillator mode selection (FPR<4:0>).
2: OSC1 pin cannot be used as an I/O pin even if the secondary oscillator or an internal clock source is
selected at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com