| Electronic Components Datasheet Search |
|
PIC16F685-E/P Datasheet(PDF) 106 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-E/P Datasheet(HTML) 106 Page - Microchip Technology |
|
106 / 306 page ![]() PIC16F631/677/685/687/689/690 DS41262E-page 104 © 2008 Microchip Technology Inc. 8.10 Comparator Voltage Reference The comparator voltage reference module provides an internally generated voltage reference for the compara- tors. The following features are available: • Independent from Comparator operation • Two 16-level voltage ranges • Output clamped to VSS • Ratiometric with VDD • Fixed Reference (0.6) The VRCON register (Register 8-5) controls the Voltage Reference module shown in Figure 8-8. 8.10.1 INDEPENDENT OPERATION The comparator voltage reference is independent of the comparator configuration. Setting the VREN bit of the VRCON register will enable the voltage reference. 8.10.2 OUTPUT VOLTAGE SELECTION The CVREF voltage reference has 2 ranges with 16 voltage levels in each range. Range selection is controlled by the VRR bit of the VRCON register. The 16 levels are set with the VR<3:0> bits of the VRCON register. The CVREF output voltage is determined by the following equations: EQUATION 8-1: CVREF OUTPUT VOLTAGE The full range of VSS to VDD cannot be realized due to the construction of the module. See Figure 8-8. 8.10.3 OUTPUT CLAMPED TO VSS The CVREF output voltage can be set to Vss with no power consumption by clearing the VP6EN bit of the VRCON register. This allows the comparator to detect a zero-crossing while not consuming additional CVREF module current. 8.10.4 OUTPUT RATIOMETRIC TO VDD The comparator voltage reference is VDD derived and therefore, the CVREF output changes with fluctuations in VDD. The tested absolute accuracy of the Comparator Voltage Reference can be found in Section 17.0 “Electrical Specifications”. VRR 1 (low range): = VRR 0 (high range): = CVREF (VDD/4) + = CVREF (VR<3:0>/24) VDD × = (VR<3:0> VDD/32) × |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |