Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT-20I/P Datasheet(PDF) 127 Page - Microchip Technology

Part # DSPIC30F2012AT-20I/P
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT-20I/P Datasheet(HTML) 127 Page - Microchip Technology

Back Button DSPIC30F2012AT-20I/P Datasheet HTML 123Page - Microchip Technology DSPIC30F2012AT-20I/P Datasheet HTML 124Page - Microchip Technology DSPIC30F2012AT-20I/P Datasheet HTML 125Page - Microchip Technology DSPIC30F2012AT-20I/P Datasheet HTML 126Page - Microchip Technology DSPIC30F2012AT-20I/P Datasheet HTML 127Page - Microchip Technology DSPIC30F2012AT-20I/P Datasheet HTML 128Page - Microchip Technology DSPIC30F2012AT-20I/P Datasheet HTML 129Page - Microchip Technology DSPIC30F2012AT-20I/P Datasheet HTML 130Page - Microchip Technology DSPIC30F2012AT-20I/P Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 206 page
background image
© 2008 Microchip Technology Inc.
DS70139F-page 127
dsPIC30F2011/2012/3012/3013
17.3
Reset
The PIC18F1220/1320 differentiates between various
kinds of Reset:
a) Power-on Reset (POR)
b) MCLR Reset during normal operation
c)
MCLR Reset during Sleep
d) Watchdog Timer (WDT) Reset (during normal
operation)
e) Programmable Brown-out Reset (BOR)
f)
RESET Instruction
g) Reset caused by trap lockup (TRAPR)
h) Reset caused by illegal opcode or by using an
uninitialized W register as an address pointer
(IOPUWR)
Different registers are affected in different ways by
various Reset conditions. Most registers are not
affected by a WDT wake-up since this is viewed as the
resumption of normal operation. Status bits from the
RCON register are set or cleared differently in different
Reset situations, as indicated in Table 17-5. These bits
are used in software to determine the nature of the
Reset.
A block diagram of the On-Chip Reset Circuit is shown
in Figure 17-2.
A MCLR noise filter is provided in the MCLR Reset
path. The filter detects and ignores small pulses.
Internally generated Resets do not drive MCLR pin low.
FIGURE 17-2:
RESET SYSTEM BLOCK DIAGRAM
17.3.1
POR: POWER-ON RESET
A power-on event will generate an internal POR pulse
when a VDD rise is detected. The Reset pulse will occur
at the POR circuit threshold voltage (VPOR) which is
nominally
1.85V.
The
device
supply
voltage
characteristics must meet specified starting voltage
and rise rate requirements. The POR pulse will reset a
POR timer and place the device in the Reset state. The
POR also selects the device clock source identified by
the oscillator configuration fuses.
The POR circuit inserts a small delay, TPOR, which is
nominally 10
μs and ensures that the device bias
circuits are stable. Furthermore, a user selected
power-up time-out (TPWRT) is applied. The TPWRT
parameter is based on device Configuration bits and
can be 0 ms (no delay), 4 ms, 16 ms or 64 ms. The total
delay is at device power-up, TPOR + TPWRT. When
these delays have expired, SYSRST will be negated on
the next leading edge of the Q1 clock and the PC will
jump to the Reset vector.
The timing for the SYSRST signal is shown in
Figure 17-3 through Figure 17-5.
S
R
Q
MCLR
VDD
VDD Rise
Detect
POR
SYSRST
Sleep or Idle
Brown-out
Reset
BOREN
RESET
Instruction
WDT
Module
Digital
Glitch Filter
BOR
Trap Conflict
Illegal Opcode/
Uninitialized W Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com