Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4580-E/ML Datasheet(PDF) 282 Page - Microchip Technology

Part # PIC18F4580-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/ML Datasheet(HTML) 282 Page - Microchip Technology

Back Button PIC18F4580-E/ML Datasheet HTML 278Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 279Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 280Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 281Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 282Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 283Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 284Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 285Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 286Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 490 page
background image
PIC18F2480/2580/4480/4580
DS39637D-page 282
© 2009 Microchip Technology Inc.
REGISTER 24-1:
CANCON: CAN CONTROL REGISTER
Mode 0
R/W-1
R/W-0
R/W-0
R/S-0
R/W-0
R/W-0
R/W-0
U-0
REQOP2
REQOP1
REQOP0
ABAT
WIN2
WIN1
WIN0
—
Mode 1
R/W-1
R/W-0
R/W-0
R/S-0
U0
U-0
U-0
U-0
REQOP2
REQOP1
REQOP0
ABAT
—
—
—
—
Mode 2
R/W-1
R/W-0
R/W-0
R/S-0
R-0
R-0
R-0
R-0
REQOP2
REQOP1
REQOP0
ABAT
FP3
FP2
FP1
FP0
bit 7
bit 0
Legend:
S = Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
REQOP<2:0>: Request CAN Operation Mode bits
1xx = Request Configuration mode
011 = Request Listen Only mode
010 = Request Loopback mode
001 = Disabled/Sleep mode
000 = Request Normal mode
bit 4
ABAT: Abort All Pending Transmissions bit
1 = Abort all pending transmissions (in all transmit buffers)(1)
0 = Transmissions proceeding as normal
bit 3-1
Mode 0:
WIN<2:0>: Window Address bits
These bits select which of the CAN buffers to switch into the Access Bank area. This allows access to the
buffer registers from any data memory bank. After a frame has caused an interrupt, the ICODE<3:0> bits
can be copied to the WIN<2:0> bits to select the correct buffer. See Example 24-2 for a code example.
111 = Receive Buffer 0
110 = Receive Buffer 0
101 = Receive Buffer 1
100 = Transmit Buffer 0
011 = Transmit Buffer 1
010 = Transmit Buffer 2
001 = Receive Buffer 0
000 = Receive Buffer 0
bit 0
Unimplemented: Read as ‘0’
bit 4-0
Mode 1:
Unimplemented: Read as ‘0’
Mode 2:
FP<3:0>: FIFO Read Pointer bits
These bits point to the message buffer to be read.
0000 = Receive Message Buffer 0
0001 = Receive Message Buffer 1
0010 = Receive Message Buffer 2
0011 = Receive Message Buffer 3
0100 = Receive Message Buffer 4
0101 = Receive Message Buffer 5
0110 = Receive Message Buffer 6
0111 = Receive Message Buffer 7
1000:1111 Reserved
Note 1:
This bit will clear when all transmissions are aborted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com