Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4580-E/ML Datasheet(PDF) 148 Page - Microchip Technology

Part # PIC18F4580-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/ML Datasheet(HTML) 148 Page - Microchip Technology

Back Button PIC18F4580-E/ML Datasheet HTML 144Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 145Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 146Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 147Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 148Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 149Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 150Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 151Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 490 page
background image
PIC18F2480/2580/4480/4580
DS39637D-page 148
© 2009 Microchip Technology Inc.
TABLE 11-9:
PORTE I/O SUMMARY
TABLE 11-10: SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
Pin Name
Function
I/O
TRIS Buffer
Description
RE0/RD/AN5
RE0
OUT
0
DIG
LATE<0> data output.
IN
1
ST
PORTE<0> data input.
RD
IN
1
TTL
PSP read enable input.
AN5
IN
1
ANA
A/D Input Channel 5. Enabled on POR; this analog input overrides the
digital input (read as clear – low level).
RE1/WR/AN6/C1OUT
RE1
OUT
0
DIG
LATE<1> data output.
IN
1
ST
PORTE<1> data input.
WR
IN
1
TTL
PSP write enable input.
AN6
IN
1
ANA
A/D Input Channel 6. Enabled on POR; this analog input overrides the
digital input (read as clear – low level).
C1OUT
OUT
0
DIG
Comparator 1 output.
RE2/CS/AN7/C2OUT
RE2
OUT
0
DIG
LATE<2> data output.
IN
1
ST
PORTE<2> data input.
CS
IN
1
TTL
PSP chip select input.
AN7
IN
1
ANA
A/D Input Channel 7. Enabled on POR; this analog input overrides the
digital input (read as clear – low level).
C2OUT
OUT
0
DIG
Comparator 2 output.
MCLR/VPP/RE3
MCLR
IN
x
ST
External Reset input. Disabled when MCLRE Configuration bit is ‘1’.
VPP
IN
x
ANA
High-voltage detection; used by ICSP™ operation.
RE3
IN
1
ST
PORTE<3> data input. Disabled when MCLRE Configuration bit is ‘0’.
Legend:
PWR = Power Supply, OUT = Output, IN = Input, ANA = Analog Signal, DIG = Digital Output, ST = Schmitt Buffer Input,
TTL = TTL Buffer Input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on Page:
PORTE(3)
—
—
—
—RE3(1,2)
RE2
RE1
RE0
58
LATE(2)
—
—
—
—
—
LATE Output Latch Register
58
TRISE(3)
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
58
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
56
CMCON(3)
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
57
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTE.
Note 1: Implemented only when Master Clear functionality is disabled (MCLRE Configuration bit = 0).
2: RE3 is the only PORTE bit implemented on both PIC18F2X80 and PIC18F4X80 devices. All other bits are
implemented only when PORTE is implemented (i.e., PIC18F4X80 devices).
3: These registers are unimplemented on PIC18F2X80 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com